Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1631 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # D1631
Description  High-Precision Digital Thermometer and Thermostat
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

D1631 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button D1631 Datasheet HTML 6Page - Maxim Integrated Products D1631 Datasheet HTML 7Page - Maxim Integrated Products D1631 Datasheet HTML 8Page - Maxim Integrated Products D1631 Datasheet HTML 9Page - Maxim Integrated Products D1631 Datasheet HTML 10Page - Maxim Integrated Products D1631 Datasheet HTML 11Page - Maxim Integrated Products D1631 Datasheet HTML 12Page - Maxim Integrated Products D1631 Datasheet HTML 13Page - Maxim Integrated Products D1631 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS1631/DS1631A/DS1731
10 of 15
Table 5. CONFIGURATION REGISTER BIT DESCRIPTIONS
BIT NAME
(USER ACCESS)
FUNCTIONAL DESCRIPTION
DONE—Temperature
Conversion Done
(Read Only)
Power-up state = 1.
DONE = 0. Temperature conversion is in progress.
DONE = 1. Temperature conversion is complete.
THF—Temperature High Flag
(Read/Write)
Power-up state = 0.
THF = 0. The measured temperature has not exceeded the value
stored in the TH register since power-up.
THF = 1. At some point since power-up the measured temperature
has been higher than the value stored in the TH register. THF remains
a 1 until it is overwritten with a 0 by the user, the power is cycled, or
a Software POR command is issued.
TLF—Temperature Low Flag
(Read/Write)
Power-up state = 0.
TLF = 0. The measured temperature has not been lower than the
value stored in the TL register since power-up.
TLF = 1. At some point since power-up the measured temperature
has been lower than the value stored in the TL register. TLF remains a
1 until it is overwritten with a 0 by the user, the power is cycled, or a
Software POR command is issued.
NVB—NV Memory Busy
(Read Only)
Power-up state = 0.
NVB = 1. A write to EEPROM memory is in progress.
NVB = 0. NV memory is not busy.
R1—Resolution Bit 1
(Read/Write)
Power-up state = 1.
Sets conversion, TH, and TL resolution (see Table 6).
R0—Resolution Bit 0
(Read/Write)
Power-up state = 1.
Sets conversion, TH, and TL resolution (see Table 6).
POL*—TOUT Polarity
(Read/Write)
Power-up state = last value written to this bit. Factory setting = 0.
POL = 1. TOUT is active high.
POL = 0. TOUT is active low.
1SHOT*—Conversion Mode
(Read/Write)
Power-up state = last value written to this bit. Factory setting = 0.
1SHOT = 1. One-Shot Mode. The Start Convert T command initiates
a single temperature conversion and then the device goes into a low-
power standby state.
1SHOT = 0. Continuous Conversion Mode. The Start Convert T
command initiates continuous temperature conversions.
*Stored in EEPROM
Table 6. RESOLUTION CONFIGURATION
R1
R0
RESOLUTION
(BIT)
CONVERSION TIME
(MAX)
0
0
9
93.75ms
0
1
10
187.5ms
1
0
11
375ms
1
1
12
750ms


Similar Part No. - D1631

ManufacturerPart #DatasheetDescription
logo
NEC
D16311GC NEC-D16311GC Datasheet
167Kb / 20P
   1/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER
More results

Similar Description - D1631

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com