Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1921Z Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1921Z
Description  High-Resolution Thermochron iButton
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1921Z Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1921Z Datasheet HTML 5Page - Dallas Semiconductor DS1921Z Datasheet HTML 6Page - Dallas Semiconductor DS1921Z Datasheet HTML 7Page - Dallas Semiconductor DS1921Z Datasheet HTML 8Page - Dallas Semiconductor DS1921Z Datasheet HTML 9Page - Dallas Semiconductor DS1921Z Datasheet HTML 10Page - Dallas Semiconductor DS1921Z Datasheet HTML 11Page - Dallas Semiconductor DS1921Z Datasheet HTML 12Page - Dallas Semiconductor DS1921Z Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
DS1921H/Z
SAMPLE RATE
The content of the Sample Rate Register (address 020Dh) determines how many minutes the temperature
conversions are apart from each other during a mission. The sample rate may be any value from 1 to 255,
coded as an unsigned 8-bit binary number. If the memory has been cleared (Status Register bit MEMCLR
= 1) and a mission is enabled (Status Register bit EM = 0), writing a non-zero value to the Sample Rate
Register will start a mission. For a full description of the correct sequence of steps to start a temperature-
logging mission see sections Missioning or Missioning Example.
9 of 45
Sample Rate Register Map
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
020Dh
Sample Rate
CONTROL REGISTER
The DS1921H/Z is set up for its operation by writing appropriate data to its special function registers that
are located in the register page. Several functions that are controlled by a single bit only are combined
into a single byte called Control Register (address 20Eh). This register can be read and written. If the
device is programmed for a mission, writing to the Control Register will end the mission and change the
register contents.
Control Register Bitmap
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
020Eh
EOSC
EMCLR
0
EM
RO
TLS
THS
TAS
The functional assignments of the individual bits are explained in the table below. Bit 5 has no function.
It always reads 0 and cannot be written to 1.
Control Register Details
BIT DESCRIPTION
BIT(S)
DEFINITION
EOSC: Enable Oscillator
b7
This bit controls the crystal oscillator of the RTC. When set to logic 0,
the oscillator will start operation. When written to logic 1, the oscillator
will stop and the device is in a low-power data retention mode. This bit
must be 0 for normal operation.
The RTC must have advanced at
least 1 second before a mission start will be accepted.
EMCLR: Memory Clear
Enable
b6
This bit needs to be set to logic 1 to enable the Clear Memory function,
which is invoked as a memory function command. The Time-Stamp,
Histogram Memory as well as the Mission Time Stamp, Mission
Samples Counter, Mission Start Delay and Sample Rate will be cleared
only if the Clear Memory command is issued with the next access to
the device
. The EMCLR bit will return to 0 as the next memory function
command is executed.
EM: Enable Mission
b4
This bit controls whether the DS1921H/Z will begin a mission as soon as
the sample rate is written. To enable the device for a mission, this bit
must be 0.
RO: Rollover
Enable/Disable
b3
This bit controls whether the temperature logging memory is overwritten
with new data or whether data logging is stopped once the memory is
filled with data during a mission. Setting this bit to a 1 enables the
rollover and data logging continues at the beginning overwriting
previously collected data. Clearing this bit to 0 disables the rollover and
no further temperature values will be stored in the temperature logging
memory once it is filled with data. This will not stop the mission. The
device will continue measuring temperatures and updating the
histogram and alarm time stamps and durations.


Similar Part No. - DS1921Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921Z MAXIM-DS1921Z Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
DS1921Z MAXIM-DS1921Z Datasheet
1Mb / 45P
   High-Resolution Thermochron® iButton® Range H: 15°C to 46°C, Z: -5°C to 26°C
Rev 3/12
logo
Dallas Semiconductor
DS1921Z-F5 DALLAS-DS1921Z-F5 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
DS1921Z-F5 DALLAS-DS1921Z-F5 Datasheet
382Kb / 40P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921Z-F5 MAXIM-DS1921Z-F5 Datasheet
1Mb / 45P
   High-Resolution Thermochron® iButton® Range H: 15°C to 46°C, Z: -5°C to 26°C
Rev 3/12
More results

Similar Description - DS1921Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
   High-Resolution Thermochron iButton
Rev 8/09
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_11 Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
DS1921H MAXIM-DS1921H_V01 Datasheet
729Kb / 45P
   High-Resolution Thermochron iButton Devices
2013
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_V01 Datasheet
454Kb / 42P
   Thermochron iButton Device
2015
logo
Dallas Semiconductor
DS1921L-F5X DALLAS-DS1921L-F5X Datasheet
382Kb / 40P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G_1109 MAXIM-DS1921G_1109 Datasheet
472Kb / 42P
   Thermochron iButton
Rev 5; 9/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com