Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1731U+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1731U+
Description  High-Precision Digital Thermometer and Thermostat
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1731U+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1731U+ Datasheet HTML 1Page - Maxim Integrated Products DS1731U+ Datasheet HTML 2Page - Maxim Integrated Products DS1731U+ Datasheet HTML 3Page - Maxim Integrated Products DS1731U+ Datasheet HTML 4Page - Maxim Integrated Products DS1731U+ Datasheet HTML 5Page - Maxim Integrated Products DS1731U+ Datasheet HTML 6Page - Maxim Integrated Products DS1731U+ Datasheet HTML 7Page - Maxim Integrated Products DS1731U+ Datasheet HTML 8Page - Maxim Integrated Products DS1731U+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 of 15
102307
FEATURES
DS1631 and DS1631A Provide
±0.5°C
Accuracy over a 0°C to +70°C Range
DS1731 Provides
±1°C Accuracy over a
-10°C to +85°C Range
DS1631A Automatically Begins Taking
Temperature Measurements at Power-Up
Operating Temperature Range: -55°C to
+125°C (-67°F to +257°F)
Temperature Measurements Require No
External Components
Output Resolution is User-Selectable to 9,
10, 11, or 12 Bits
Wide Power-Supply Range (+2.7V to +5.5V)
Converts Temperature-to-Digital Word in
750ms (max)
Multidrop Capability Simplifies Distributed
Temperature-Sensing Applications
Thermostatic Settings are User-Definable
and Nonvolatile (NV)
Data is Read/Written Through 2-Wire Serial
Interface (SDA and SCL Pins)
All Three Devices are Available in 8-Pin
μSOP Packages and the DS1631 is Also
Available in a 150mil SO package—see
Table 1 for Ordering Information
PIN CONFIGURATIONS
DESCRIPTION
The DS1631, DS1631A, and DS1731 digital thermometers provide 9, 10, 11, or 12-bit temperature
readings over a -55°C to +125°C range. The DS1631 and DS1631A thermometer accuracy is
±0.5°C
from 0°C to +70°C with 3.0V
≤ V
DD ≤ 5.5V, and the DS1731 accuracy is ±1°C from -10°C to +85°C with
3.0V
≤ V
DD ≤ 5.5V. The thermostat on all three devices provides custom hysteresis with user-defined trip
points (TH and TL). The TH and TL registers and thermometer configuration settings are stored in NV
EEPROM so they can be programmed prior to installation. In addition, the DS1631A automatically
begins taking temperature measurements at power-up, which allows it to function as a stand-alone
thermostat. Communication with the DS1631/DS1631A/DS1731 is achieved through a 2-wire serial
interface, and three address pins allow up to eight devices to be multidropped on the same 2-wire bus.
Pin descriptions for the DS1631/DS1631A/DS1731 are provided in Table 2 and user-accessible registers
are summarized in Table 3. A functional diagram is shown in Figure 1.
DS1631/DS1631A/DS1731
High-Precision Digital
Thermometer and Thermostat
www.maxim-ic.com
SO (150mil and 208mil)
(DS1631Z+, DS1631S+)
SCL
VDD
A0
A1
A2
GND
TOUT
SDA
6
8
7
5
3
1
2
4
μSOP
(DS1631U+, DS1631AU+,
DS1731U+)
SCL
VDD
A0
A1
A2
GND
TOUT
SDA
6
8
7
5
3
1
2
4
See Table 2 for Pin Descriptions
APPLICATIONS
Network Routers and Switches
Cellular Base Stations
Portable Products
Any Space-Constrained Thermally Sensitive
Product


Similar Part No. - DS1731U+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1731U DALLAS-DS1731U Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
DS1731U/TR DALLAS-DS1731U/TR Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
More results

Similar Description - DS1731U+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com