Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1841 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1841
Description  Temperature-Controlled, NV, I2C, Logarithmic Resistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1841 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1841 Datasheet HTML 8Page - Maxim Integrated Products DS1841 Datasheet HTML 9Page - Maxim Integrated Products DS1841 Datasheet HTML 10Page - Maxim Integrated Products DS1841 Datasheet HTML 11Page - Maxim Integrated Products DS1841 Datasheet HTML 12Page - Maxim Integrated Products DS1841 Datasheet HTML 13Page - Maxim Integrated Products DS1841 Datasheet HTML 14Page - Maxim Integrated Products DS1841 Datasheet HTML 15Page - Maxim Integrated Products DS1841 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Temperature-Controlled, NV, I2C,
Logarithmic Resistor
______________________________________________________________________________________
13
I2C Serial Interface Description
I2C Definitions
The following terminology is commonly used to describe
I2C data transfers. (See Figure 3 and I2C AC Electrical
Table for additional information.)
Master device: The master device controls the slave
devices on the bus. The master device generates SCL
clock pulses and START and STOP conditions.
Slave devices: Slave devices send and receive data at
the master’s request.
Bus idle or not busy: Time between STOP and START
conditions when both SDA and SCL are inactive and in
their logic-high states.
START condition: A START condition is generated by
the master to initiate a new data transfer with a slave.
Transitioning SDA from high to low while SCL remains
high generates a START condition.
STOP condition: A STOP condition is generated by
the master to end a data transfer with a slave.
Transitioning SDA from low to high while SCL remains
high generates a STOP condition.
Repeated START condition: The master can use a
repeated START condition at the end of one data trans-
fer to indicate that it will immediately initiate a new data
transfer following the current one. Repeated starts are
commonly used during read operations to identify a spe-
cific memory address to begin a data transfer. A repeat-
ed START condition is issued identically to a normal
START condition.
Bit write: Transitions of SDA must occur during the low
state of SCL. The data on SDA must remain valid and
unchanged during the entire high pulse of SCL plus the
setup and hold time requirements. Data is shifted into the
device during the rising edge of the SCL.
Bit read: At the end of a write operation, the master
must release the SDA bus line for the proper amount of
setup time before the next rising edge of SCL during a
bit read. The device shifts out each bit of data on SDA
at the falling edge of the previous SCL pulse and the
data bit is valid at the rising edge of the current SCL
pulse. Remember that the master generates all SCL
clock pulses, including when it is reading bits from the
slave.
Acknowledge (ACK and NACK): An Acknowledge
(ACK) or Not Acknowledge (NACK) is always the 9th bit
transmitted during a byte transfer. The device receiving
data (the master during a read or the slave during a
write operation) performs an ACK by transmitting a 0
during the 9th bit. A device performs a NACK by trans-
mitting a 1 during the 9th bit. Timing for the ACK and
NACK is identical to all other bit writes. An ACK is the
acknowledgment that the device is properly receiving
data. A NACK is used to terminate a read sequence or
indicates that the device is not receiving data.
Byte write: A byte write consists of 8 bits of information
transferred from the master to the slave (most signifi-
cant bit first) plus a 1-bit acknowledgment from the
slave to the master. The 8 bits transmitted by the mas-
ter are done according to the bit write definition and the
acknowledgment is read using the bit read definition.
Registers 80h to C7h: Temperature Lookup Register (LUT)
FACTORY DEFAULT
00h
MEMORY TYPE
NV
80h
to
C7h
(See Table 3 for settings.)
Bit 7
Bit 0
These registers at location 80h to C7h are NV and serve to temperature compensate RW over the operating temperature
range of the DS1841.
The LUT entries are unsigned 8-bit values if the Adder Mode bit = 0. If the Adder Mode bit = 1, LUT entries are two’s
complement, signed 7-bit values.


Similar Part No. - DS1841

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842 MAXIM-DS1842 Datasheet
216Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842AN++ MAXIM-DS1842AN+ Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842AN+TR MAXIM-DS1842AN+TR Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
More results

Similar Description - DS1841

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1847 MAXIM-DS1847 Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
logo
Dallas Semiconductor
DS1847 DALLAS-DS1847 Datasheet
239Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
DS1848 DALLAS-DS1848 Datasheet
234Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
logo
Maxim Integrated Produc...
DS1848 MAXIM-DS1848 Datasheet
264Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
011806
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
   NV, I2C, Stepper Potentiometer
Rev 0; 11/08
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
   NV, I2C, Stepper Potentiometer
Rev 1; 3/09
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
logo
Intersil Corporation
X9C303 INTERSIL-X9C303_09 Datasheet
258Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com