Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1631S+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1631S+
Description  High-Precision Digital Thermometer and Thermostat
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1631S+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1631S+ Datasheet HTML 5Page - Maxim Integrated Products DS1631S+ Datasheet HTML 6Page - Maxim Integrated Products DS1631S+ Datasheet HTML 7Page - Maxim Integrated Products DS1631S+ Datasheet HTML 8Page - Maxim Integrated Products DS1631S+ Datasheet HTML 9Page - Maxim Integrated Products DS1631S+ Datasheet HTML 10Page - Maxim Integrated Products DS1631S+ Datasheet HTML 11Page - Maxim Integrated Products DS1631S+ Datasheet HTML 12Page - Maxim Integrated Products DS1631S+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DS1631/DS1631A/DS1731
9 of 15
and Access TL commands. When making changes to the TH and TL registers, conversions should first be
stopped using the Stop Convert T command if the device is in continuous conversion mode. Note that if
the thermostat function is not used, the TH and TL registers can be used as general-purpose NV memory.
Another thermostat feature is the temperature high and low flags (THF and TLF) in the configuration
register. These bits provide a record of whether the temperature has been greater than TH or less than TL
at anytime since the device was powered up. These bits power up as 0s, and if the temperature ever
exceeds the TH register value, the THF bit is set to 1, or if the temperature ever falls below the TL value,
the TLF bit is set to 1. Once THF and/or TLF has been set, it remains set until overwritten with a 0 by the
user or until the power is cycled.
DS1631A STAND-ALONE THERMOSTAT OPERATION
Since the DS1631A automatically begins taking temperature measurements at power-up, it can function
as a standalone thermostat (i.e., it can provide thermostatic operation without microcontroller
communication). For standalone operation, the NV TH and TL registers and the POL and 1SHOT bits in
the configuration register should be programmed to the desired values prior to installation. Since the
default conversion resolution at power-up is 12 bits (R1 = 1 and R0 = 1 in the configuration register), the
conversion resolution is always 12 bits during standalone thermostat operation.
Figure 5. THERMOSTAT OUTPUT OPERATION
CONFIGURATION REGISTER
The configuration register allows the user to program various DS1631 options such as conversion
resolution, TOUT polarity, and operating mode. It also provides information to the user about conversion
status, EEPROM activity, and thermostat activity. The configuration register is arranged as shown in
Figure 6 and detailed descriptions of each bit are provided in Table 5. This register can be read from and
written to using the Access Config command. When writing to the configuration register, conversions
should first be stopped using the Stop Convert T command if the device is in continuous conversion
mode. Note that the POL and 1SHOT bits are stored in EEPROM so they can be programmed prior to
installation is desired. All other configuration register bits are SRAM and power up in the state shown in
Table 5.
Figure 6. CONFIGURATION REGISTER
MSb
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
LSb
DONE
THF
TLF
NVB
R1
R0
POL*
1SHOT*
*NV (EEPROM)
TL
TH
TEMP
POL = 1 (TOUT IS ACTIVE HIGH)
LOGIC 0
LOGIC 1
TOUT


Similar Part No. - DS1631S+

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1631 NSC-DS1631 Datasheet
153Kb / 8P
   CMOS Dual Peripheral Drivers
logo
Dallas Semiconductor
DS1631 DALLAS-DS1631 Datasheet
288Kb / 19P
   256k NV SRAM with Phantom Clock
DS1631 DALLAS-DS1631 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
logo
Texas Instruments
DS1631 TI1-DS1631 Datasheet
403Kb / 10P
[Old version datasheet]   CMOS Dual Peripheral Drivers
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
More results

Similar Description - DS1631S+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com