Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1631U+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1631U+
Description  High-Precision Digital Thermometer and Thermostat
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1631U+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1631U+ Datasheet HTML 3Page - Maxim Integrated Products DS1631U+ Datasheet HTML 4Page - Maxim Integrated Products DS1631U+ Datasheet HTML 5Page - Maxim Integrated Products DS1631U+ Datasheet HTML 6Page - Maxim Integrated Products DS1631U+ Datasheet HTML 7Page - Maxim Integrated Products DS1631U+ Datasheet HTML 8Page - Maxim Integrated Products DS1631U+ Datasheet HTML 9Page - Maxim Integrated Products DS1631U+ Datasheet HTML 10Page - Maxim Integrated Products DS1631U+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DS1631/DS1631A/DS1731
7 of 15
Table 3. REGISTER SUMMARY
REGISTER NAME
(USER ACCESS)
SIZE
(BYTES)
MEMORY
TYPE
REGISTER CONTENTS
AND POWER-UP STATE
Temperature
(Read Only)
2
SRAM
Measured temperature in two’s complement
format.
Power-up state: -60ºC (1100 0100 0000 0000)
TH
(Read/Write)
2
EEPROM
Upper alarm trip point in two’s complement
format.
Factory state: 15ºC (0000 1111 0000 0000)
TL
(Read/Write)
2
EEPROM
Lower alarm trip point in two’s complement
format.
Factory state: 10ºC (0000 1010 0000 0000)
Configuration
(Various bits are
Read/Write and Read
Only—See Table 5)
1
SRAM,
EEPROM
Configuration and status information. Unsigned
data.
6 MSbs = SRAM
2 LSbs (POL and 1SHOT bits) = EEPROM
Power-up state: 100011XX (XX = user defined)
OPERATION—MEASURING TEMPERATURE
The DS1631, DS1631A, and DS1731 measure temperature using bandgap-based temperature sensors. A
delta-sigma analog-to-digital converter (ADC) converts the measured temperature to a 9-, 10-, 11-, or 12-
bit (user-selectable) digital value that is calibrated in
°C; for °F applications a lookup table or conversion
routine must be used. Throughout this data sheet, the term “conversion” is used to refer to the entire
temperature measurement and ADC sequence.
The DS1631 and DS1731 always power-up in a low-power idle state, and the Start Convert T command
must be used to initiate conversions. The DS1631A begins conversions automatically at power-up in the
mode determined by the configuration register’s 1SHOT bit.
The DS1631, DS1631A, and DS1731 can be programmed to perform continuous consecutive conversions
(continuous-conversion mode) or to perform single conversions on command (one-shot mode). The
conversion mode is programmed through the 1SHOT bit in the configuration register as explained in the
CONFIGURATION REGISTER section of this data sheet. In continuous-conversion mode, the DS1631A
begins performing continuous conversions immediately at power-up, and the DS1631 and DS1731 begin
continuous conversions after a Start Convert T command is issued. For all three devices, consecutive
conversions continue to be performed until a Stop Convert T command is issued, at which time the device
goes into a low-power idle state. Continuous conversions can be restarted at any time using the Start
Convert T command.
In one-shot mode the DS1631A performs a single conversion at power-up, and the DS1631 and DS1731
perform a single temperature conversion when a Start Convert T command is issued. For all three
devices, when the conversion is complete the device enters a low-power idle state and remains in that
state until a single temperature conversion is again initiated by a Start Convert T command.
The resolution of the output digital temperature data is user-configurable to 9, 10, 11, or 12 bits,
corresponding to temperature increments of 0.5
°C, 0.25°C, 0.125°C, and 0.0625°C, respectively. The
default resolution at power-up is 12 bits, and it can be changed through the R0 and R1 bits in the
configuration register. Note that the conversion time doubles for each additional bit of resolution.
After each conversion, the digital temperature is stored as a 16-bit two’s complement number in the two-
byte temperature register as shown in Figure 4. The sign bit (S) indicates if the temperature is positive or
negative: for positive numbers S = 0 and for negative numbers S = 1. The Read Temperature command


Similar Part No. - DS1631U+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1631U DALLAS-DS1631U Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
DS1631U/TR DALLAS-DS1631U/TR Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
More results

Similar Description - DS1631U+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com