Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS83 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSS83
Description  MOSFET N-channel enhancement switching transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BSS83 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSS83 Datasheet HTML 1Page - NXP Semiconductors BSS83 Datasheet HTML 2Page - NXP Semiconductors BSS83 Datasheet HTML 3Page - NXP Semiconductors BSS83 Datasheet HTML 4Page - NXP Semiconductors BSS83 Datasheet HTML 5Page - NXP Semiconductors BSS83 Datasheet HTML 6Page - NXP Semiconductors BSS83 Datasheet HTML 7Page - NXP Semiconductors BSS83 Datasheet HTML 8Page - NXP Semiconductors BSS83 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NXP Semiconductors
Product specification
MOSFET N-channel enhancement switching transistor
BSS83
DESCRIPTION
Symmetrical insulated-gate silicon
MOS field-effect transistor of the
N-channel enhancement mode type.
The transistor is sealed in a SOT143
envelope and features a low ON
resistance and low capacitances. The
transistor is protected against
excessive input voltages by
integrated back-to-back diodes
between gate and substrate.
APPLICATIONS
• analog and/or digital switch
• switch driver
PINNING
Note
1. Drain and source are
interchangeable.
1
=
substrate (b)
2
=
source
3
=
drain
4
=
gate
Marking code:
BSS83 =
% M9
Fig.1 Simplified outline and symbol.
handbook, halfpage
MAM389
Top view
g
d
b
s
2
1
3
4
QUICK REFERENCE DATA
Drain-source voltage
VDS
max.
10 V
Source-drain voltage
VSD
max.
10 V
Drain-substrate voltage
VDB
max.
15 V
Source-substrate voltage
VSB
max.
15 V
Drain current (DC)
ID
max.
50 mA
Total power dissipation up to Tamb =25 °CPtot
max.
230 mW
Gate-source threshold voltage
VDS =VGS;VSB =0;
VGS(th)
>
0.1 V
ID =1 µA
<
2.0 V
Drain-source ON-resistance
VGS = 10 V; VSB = 0; ID = 0.1 mA
RDSon
<
45
Feed-back capacitance
VGS =VBS = −15 V;
VDS = 10 V; f = 1 MHz
Crss
typ.
0.6 pF
Rev. 03 - 21 November 2007
2 of 9


Similar Part No. - BSS83

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS83 PHILIPS-BSS83 Datasheet
48Kb / 8P
   MOSFET N-channel enhancement switching transistor
April 1991
logo
Infineon Technologies A...
BSS83 INFINEON-BSS83 Datasheet
408Kb / 9P
   SIPMOS Small-Signal-Transistor
2003-06-23
logo
NXP Semiconductors
BSS83 NXP-BSS83 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
BSS83 NJSEMI-BSS83 Datasheet
328Kb / 6P
   MOSFET N-channel enhancement switching transistor
logo
Infineon Technologies A...
BSS83P INFINEON-BSS83P Datasheet
408Kb / 9P
   SIPMOS Small-Signal-Transistor
2003-06-23
More results

Similar Description - BSS83

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BSS83 NJSEMI-BSS83 Datasheet
328Kb / 6P
   MOSFET N-channel enhancement switching transistor
logo
NXP Semiconductors
BSS83 PHILIPS-BSS83 Datasheet
48Kb / 8P
   MOSFET N-channel enhancement switching transistor
April 1991
logo
List of Unclassifed Man...
TN2010T ETC-TN2010T Datasheet
46Kb / 4P
   N-Channel Enhancement-Mode MOSFET Transistor
logo
NXP Semiconductors
BSD22 PHILIPS-BSD22 Datasheet
39Kb / 6P
   MOSFET N-channel depletion switching transistor
December 1997
logo
Unisonic Technologies
UTT36N05 UTC-UTT36N05_15 Datasheet
214Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
logo
Fuji Electric
MS5F5811 FUJI-MS5F5811 Datasheet
644Kb / 19P
   N-Channel enhancement mode power MOSFET for Switching
logo
Diodes Incorporated
DMB53D0UDW DIODES-DMB53D0UDW Datasheet
137Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
logo
Motorola, Inc
BS107 MOTOROLA-BS107 Datasheet
76Kb / 4P
   TMOS Switching(N-Channel-Enhancement)
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com