Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG93A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFG93A
Description  NPN 6 GHz wideband transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG93A Datasheet(HTML) 5 Page - NXP Semiconductors

  BFG93A Datasheet HTML 1Page - NXP Semiconductors BFG93A Datasheet HTML 2Page - NXP Semiconductors BFG93A Datasheet HTML 3Page - NXP Semiconductors BFG93A Datasheet HTML 4Page - NXP Semiconductors BFG93A Datasheet HTML 5Page - NXP Semiconductors BFG93A Datasheet HTML 6Page - NXP Semiconductors BFG93A Datasheet HTML 7Page - NXP Semiconductors BFG93A Datasheet HTML 8Page - NXP Semiconductors BFG93A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NXP Semiconductors
Product specification
NPN 6 GHz wideband transistors
BFG93A; BFG93A/X
Fig.6
Gain as a function of collector current;
typical values.
VCE = 8 V; f = 500 MHz.
handbook, halfpage
0
30
20
10
0
10
20
40
MCD090
30
gain
(dB)
I
(mA)
C
MSG
G UM
Fig.7
Gain as a function of collector current;
typical values.
VCE = 8 V; f = 1 GHz.
handbook, halfpage
0
30
20
10
0
10
20
40
MCD091
30
gain
(dB)
I
(mA)
C
MSG
GUM
Fig.8
Gain as a function of frequency; typical
values.
VCE = 8 V; IC = 10 mA.
handbook, halfpage
50
0
10
MCD092
10
2
10
3
10
4
10
20
30
40
gain
(dB)
f
(MHz)
MSG
GUM
G max
Fig.9
Gain as a function of frequency; typical
values.
VCE = 8 V; IC =30mA.
handbook, halfpage
50
0
10
MCD093
10
2
10
3
10
4
10
20
30
40
gain
(dB)
f (MHz)
GUM
MSG
G max
Rev. 05 - 26 November 2007
5 of 13


Similar Part No. - BFG93A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG93A PHILIPS-BFG93A Datasheet
133Kb / 16P
   NPN 6 GHz wideband transistors
1998 Sep 23
logo
Vishay Siliconix
BFG93A VISHAY-BFG93A Datasheet
64Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFG93A VISHAY-BFG93A Datasheet
103Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 08-Sep-08
logo
NXP Semiconductors
BFG93A NXP-BFG93A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG93A-X NXP-BFG93A-X Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BFG93A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG93A PHILIPS-BFG93A Datasheet
133Kb / 16P
   NPN 6 GHz wideband transistors
1998 Sep 23
logo
Quanzhou Jinmei Electro...
BFG93A JMNIC-BFG93A_15 Datasheet
116Kb / 16P
   NPN 6 GHz wideband transistors
BFG93A_2015 JMNIC-BFG93A_2015 Datasheet
116Kb / 16P
   NPN 6 GHz wideband transistors
logo
NXP Semiconductors
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BFQ270 PHILIPS-BFQ270 Datasheet
133Kb / 12P
   NPN 6 GHz wideband transistor
September 1995
BFG94 PHILIPS-BFG94 Datasheet
100Kb / 13P
   NPN 6 GHz wideband transistor
1998 Sep 23
logo
Quanzhou Jinmei Electro...
BFR93A JMNIC-BFR93A_15 Datasheet
101Kb / 12P
   NPN 6 GHz wideband transistor
BFR93AR JMNIC-BFR93AR_15 Datasheet
95Kb / 13P
   NPN 6 GHz wideband transistor
logo
NXP Semiconductors
BFG520W PHILIPS-BFG520W Datasheet
154Kb / 16P
   NPN 9 GHz wideband transistors
1998 Oct 02
logo
Quanzhou Jinmei Electro...
BFG67_2015 JMNIC-BFG67_2015 Datasheet
116Kb / 16P
   NPN 8 GHz wideband transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com