Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT157D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AHCT157D
Description  Quad 2-input multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT157D Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHCT157D Datasheet HTML 1Page - NXP Semiconductors 74AHCT157D Datasheet HTML 2Page - NXP Semiconductors 74AHCT157D Datasheet HTML 3Page - NXP Semiconductors 74AHCT157D Datasheet HTML 4Page - NXP Semiconductors 74AHCT157D Datasheet HTML 5Page - NXP Semiconductors 74AHCT157D Datasheet HTML 6Page - NXP Semiconductors 74AHCT157D Datasheet HTML 7Page - NXP Semiconductors 74AHCT157D Datasheet HTML 8Page - NXP Semiconductors 74AHCT157D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74AHC_AHCT157_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 9 November 2007
4 of 16
NXP Semiconductors
74AHC157; 74AHCT157
Quad 2-input multiplexer
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
Table 2.
Pin description
Symbol
Pin
Description
S
1
common data select input
1I0 to 4I0
2, 5, 11, 14
data inputs from source 0
1I1 to 4I1
3, 6, 10, 13
data inputs from source 1
1Y to 4Y
4, 7, 9, 12
multiplexer outputs
GND
8
ground (0 V)
E
15
enable input (active LOW)
VCC
16
supply voltage
Table 3.
Function table[1]
Input
Output
E
S
nI0
nI1
nY
H
XXXL
LLLX
L
LLH
X
H
LH
X
L
L
LH
X
H
H


Similar Part No. - 74AHCT157D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT157D PHILIPS-74AHCT157D Datasheet
84Kb / 16P
   Quad 2-input multiplexer
1999 Sep 24
logo
Nexperia B.V. All right...
74AHCT157D NEXPERIA-74AHCT157D Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 10 September 2020
74AHCT157D-Q100 NEXPERIA-74AHCT157D-Q100 Datasheet
719Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
74AHCT157D-Q100 NEXPERIA-74AHCT157D-Q100 Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 2 - 10 September 2020
More results

Similar Description - 74AHCT157D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com