Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL032N90FAI020 Datasheet(PDF) 9 Page - SPANSION

Part # S29GL032N90FAI020
Description  64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032N90FAI020 Datasheet(HTML) 9 Page - SPANSION

Back Button S29GL032N90FAI020 Datasheet HTML 5Page - SPANSION S29GL032N90FAI020 Datasheet HTML 6Page - SPANSION S29GL032N90FAI020 Datasheet HTML 7Page - SPANSION S29GL032N90FAI020 Datasheet HTML 8Page - SPANSION S29GL032N90FAI020 Datasheet HTML 9Page - SPANSION S29GL032N90FAI020 Datasheet HTML 10Page - SPANSION S29GL032N90FAI020 Datasheet HTML 11Page - SPANSION S29GL032N90FAI020 Datasheet HTML 12Page - SPANSION S29GL032N90FAI020 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
November 16, 2007 S29GL-N_01_09
S29GL-N MirrorBit® Flash Family
9
Data
She e t
1.
Product Selector Guide
2.
Block Diagram
Note
**AMAX GL064N = A21, GL032N = A20.
Part Number
S29GL064N
S29GL032N
Speed Option
VCC = 2.7–3.6 V
VIO = 2.7–3.6 V
90
90
VIO = 1.65–3.6 V
110
110
Max. Access Time (ns)
90
110
90
110
Max. CE# Access Time (ns)
90
110
90
110
Max. Page Access Time (ns)
25
30
25
30
Max. OE# Access Time (ns)
25
30
25
30
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
WP#/ACC
BYTE#
CE#
OE#
STB
STB
DQ15DQ0 (A-1)
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
AMax**–A0


Similar Part No. - S29GL032N90FAI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL032A SPANSION-S29GL032A Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
S29GL032A SPANSION-S29GL032A Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI010 SPANSION-S29GL032A100BAI010 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI012 SPANSION-S29GL032A100BAI012 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI013 SPANSION-S29GL032A100BAI013 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results

Similar Description - S29GL032N90FAI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com