Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E910.36 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E910.36
Description  Contact monitor (4 * GND & 4 * VBAT, parallel interface)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.36 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E910.36 Datasheet HTML 1Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUS IC
DC/DC CONVERTER
MOTOR DRIVER IC
RIPPLE COUNTER
72
BLOCK DIAGRAM
DRIVER IC
I/O IC
SENSOR IC
SENSOR INTERFACE IC
73
elmos product catalog june 2005
Note ELMOS Semiconductor AG (below ELMOS) reserves the right to make changes to the product contained in this publication without notice. ELMOS assumes no responsibility for the use of any
circuits described herein, conveys no licence under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication
has been checked, no responsibility, however, is assumed for inaccuracies. ELMOS does not recommend the use of any of its products in life support applications where the failure or malfunction of
the product can reasonably be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Copyright © 2005 ELMOS Reproduction, in part or whole, without the prior written consent of ELMOS, is prohibited.
www.elmos.de | sales@elmos.de
PINNING
PACKAGE
ÿ Contact monitor (4*GND & 4* VBAT, parallel interface)
E910.36
FEATURES
ÿ Supply voltage range VS 5.25 to 25V
ÿ Supply voltage range VDD 4.75 to 5.25V
ÿ Maximum overvoltage protection up to 40V
ÿ Low standby current (typical < 10µA)
ÿ Contact status monitoring by comparison of the
switch resistance with internal reference
ÿ High noise immunity
ÿ –40°C to +125 ºC operating temperature
ÿ SO20w package
APPLICATION
ÿ Automotive electronics
ÿ Monitor for mechanical switches
ÿ Monitor for interface levels
DESCRIPTION
The IC is developed for automotive applications. It continuously
monitors the status of two groups of switch contacts connected
to GND or VBAT.
The input currents are compared to internal references. The IC is
designed to operate with an external resistor of 1k Ý.
If the switch resistance is less than 1.5kÝ the IC will lead into an
active state (‘1’ for switches to VBAT and ‘0’ for switches to GND).
If the resistance will be more than 9kÝ than the IC will switch
to the corresponding inactive state. The input current as well as
the tristate driver are activated with the enable pin. Due to the
tristate outputs the IC can be used in bus configuration.
VBAT
VDD
VDD
µC
Ref.
OUT7
OUT6
OUT5
OUT4
VS
CH4
CH 7
Ref.
CH0
EN
EN
CH3
IN7
IN6
IN5
IN4
IN3
IN2
IN1
IN0
VS
EN
OUT3
OUT2
OUT1
OUT0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VS
IN0
IN1
IN2
IN3
IN4
IN5
IN6
IN7
EN
VDD
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
GND
Pin
Name
Description
1
VS
Supply voltage
2
IN0
Input for switch to GND
3
IN1
Input for switch to GND
4
IN2
Input for switch to GND
5
IN3
Input for switch to GND
6
IN4
Input for switch to VBAT
7
IN5
Input for switch to VBAT
8
IN6
Input for switch to VBAT
9
IN7
Input for switch to VBAT
10
EN
Chip enable for input current and
tristate outputs, active low
11
GND
Ground
12
OUT7
TTL compatible tristate data port
13
OUT6
TTL compatible tristate data port
14
OUT5
TTL compatible tristate data port
15
OUT4
TTL compatible tristate data port
16
OUT3
TTL compatible tristate data port
17
OUT2
TTL compatible tristate data port
18
OUT1
TTL compatible tristate data port
19
OUT0
TTL compatible tristate data port
20
VDD
Logic supply voltage
Analog multiplexer 8:1
Contact monitor 8* to GND, par. out
Contact monitor 8* to VBAT, par. out
Contact monitor 2*4, adj., par. out
ÿ Contact monitor 2*4, par. out
Non volatile contact monitor
Contact monitor 16*, ser. out


Similar Part No. - E910.36

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
   Low side driver (8 channel, parallel interface)
E910.33 ELMOS-E910.33 Datasheet
123Kb / 1P
   Contact monitor (8 channel to GND, parallel interface)
E910.34 ELMOS-E910.34 Datasheet
123Kb / 1P
   Contact monitor (8 channel to VBAT, parallel interface)
E910.35 ELMOS-E910.35 Datasheet
128Kb / 1P
   Contact monitor (4 * GND & 4 * VBAT, adjustable, parallel interface)
E910.37 ELMOS-E910.37 Datasheet
122Kb / 1P
   LCD controller, driver for grey scale, ECB color displays
More results

Similar Description - E910.36

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.35 ELMOS-E910.35 Datasheet
128Kb / 1P
   Contact monitor (4 * GND & 4 * VBAT, adjustable, parallel interface)
E910.52 ELMOS-E910.52 Datasheet
124Kb / 1P
   Contact monitor to GND or VBAT (16 channel, serial interface)
E910.34 ELMOS-E910.34 Datasheet
123Kb / 1P
   Contact monitor (8 channel to VBAT, parallel interface)
E910.33 ELMOS-E910.33 Datasheet
123Kb / 1P
   Contact monitor (8 channel to GND, parallel interface)
E910.41 ELMOS-E910.41 Datasheet
119Kb / 1P
   Hall sensor- and contact monitor (8 channel, parallel interface)
logo
Device Engineering Inco...
DEI1166 DEIAZ-DEI1166 Datasheet
261Kb / 11P
   OCTAL GND/OPEN INPUT PARALLEL OUTPUT INTERFACE IC
DEI1167 DEIAZ-DEI1167 Datasheet
91Kb / 8P
   OCTAL GND/OPEN INPUT PARALLEL OUTPUT INTERFACE IC
DEI1198 DEIAZ-DEI1198 Datasheet
234Kb / 12P
   8CH GND/OPEN PARALLEL OUTPUT DISCRETE INTERFACE IC
logo
Schneider Electric
TM3XTYS4 SCHNEIDER-TM3XTYS4 Datasheet
200Kb / 7P
   Parallel interface module, Modicon TM3, 4 Tesys motors
Apr 4, 2022
logo
Belden Inc.
29541 BELDEN-29541 Datasheet
244Kb / 3P
   VFD 300% Gnd, 3CIG #4 Str TC, XLPO InsPVC Gnd
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com