Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E909.01 Datasheet(PDF) 23 Page - ELMOS Semiconductor AG

Part # E909.01
Description  DESIGNING SYSTEMS WITH HALIOS짰 SWITCH
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E909.01 Datasheet(HTML) 23 Page - ELMOS Semiconductor AG

Back Button E909.01 Datasheet HTML 19Page - ELMOS Semiconductor AG E909.01 Datasheet HTML 20Page - ELMOS Semiconductor AG E909.01 Datasheet HTML 21Page - ELMOS Semiconductor AG E909.01 Datasheet HTML 22Page - ELMOS Semiconductor AG E909.01 Datasheet HTML 23Page - ELMOS Semiconductor AG E909.01 Datasheet HTML 24Page - ELMOS Semiconductor AG E909.01 Datasheet HTML 25Page - ELMOS Semiconductor AG E909.01 Datasheet HTML 26Page - ELMOS Semiconductor AG E909.01 Datasheet HTML 27Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
23
E909.01
ELMOS Semiconductor AG
Application Note
QM-No.: 03AN0801E.01
Address
Data
Hex
Default
Signal
Description
“0011”
“0000”
-
“0111”
30**
-
37**
-
-
-
unused
“1000”
38**
4 LSB/
-4 LSB
(soft)
THD1/
THA
4 LSB/
-1LSB
4LSB/
-4LSB
Velocity and acceleration
threshold for touch.
very soft
soft
middle
hard
“1001”
39**
“1010”
3A**
7LSB/
-7LSB
“1011”
3B**
10LSB/
-10LSB
“1100”
-
“1111”
3C**
-
3F**
-
-
-
unused
Address
Data
Hex
Default
Signal
Description
“0100”
“0000”
-
“0111”
40**
-
47**
-
-
-
unused
“1000”
48**
130ms
TOTIM
65ms
Touch time (holdtime),
constant part of Tvalid
“1001”
49**
130ms
“1010”
4A**
130ms
“1011”
4B**
260ms
“1100”
4C**
48s
TIMOV TOUCHED
32s
PROX
8min Duration
of time-
out when
system
sate is
TOUCHED
or PROX
“1101”
4D**
48s
12,5min
“1110”
4E**
60s
16min
“1111”
4F**
No
timeout
No
timeout
/39


Similar Part No. - E909.01

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E909.02 ELMOS-E909.02 Datasheet
112Kb / 1P
   HALIOS짰 Micromouse
E909.03 ELMOS-E909.03 Datasheet
112Kb / 1P
   HALIOS짰 Micromouse
E909.06 ELMOS-E909.06 Datasheet
242Kb / 2P
   HALIOS MULTI PURPOSE SENSOR FOR AUTOMOTIVE
E909.07 ELMOS-E909.07 Datasheet
392Kb / 13P
   TRANSIMPEDANCE AMPLIFIER WITH HIGH SENSITIVITY
More results

Similar Description - E909.01

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E527.16 ELMOS-E527.16 Datasheet
575Kb / 10P
   HALIOS짰 GESTURE SWITCH
E909.02 ELMOS-E909.02 Datasheet
112Kb / 1P
   HALIOS짰 Micromouse
logo
STMicroelectronics
AN2208 STMICROELECTRONICS-AN2208 Datasheet
2Mb / 51P
   Designing Industrial Applications with
logo
ELMOS Semiconductor AG
E909.11 ELMOS-E909.11 Datasheet
220Kb / 2P
   ULTRA LOW POWER HALIOS짰
logo
Microchip Technology
AN939 MICROCHIP-AN939 Datasheet
432Kb / 18P
   Designing Energy Meters with the PIC16F873A
2005
logo
ON Semiconductor
AN1406 ONSEMI-AN1406 Datasheet
108Kb / 8P
   DESIGNING WITH PECL (ECL AT 5.0)
September, 1999 ??Rev. 2
logo
STMicroelectronics
AN3355 STMICROELECTRONICS-AN3355 Datasheet
103Kb / 11P
   Designing an application board compatible with either
AN2595 STMICROELECTRONICS-AN2595 Datasheet
240Kb / 20P
   Designing an application with the ST10F27xZx devices
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
   Designing an application with the ST10F27x devices
logo
Motorola, Inc
AN2001 MOTOROLA-AN2001 Datasheet
1Mb / 20P
   Designing Expansion Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com