Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM79164 Datasheet(PDF) 12 Page - SyncMOS Technologies,Inc

Part # SM79164
Description  8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM79164 Datasheet(HTML) 12 Page - SyncMOS Technologies,Inc

Back Button SM79164 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 15Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 16Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Specifications subject to change without notice,contact your sales representatives for the most recent information.
12/26
Ver 2.1
SM79164 08/2006
SyncMOS Technologies International. Inc.
SM79164
3.1 Watch Dog Timer Registers:
Watch Dog Timer Registers - WDT Control Register (WDTC, $9F)
WDTE : Watch Dog Timer enable bit
CLEAR : Watch Dog Timer reset bit
PS[2:0] : Overflow period select bits
Watch Dog Key Register - (WDTKEY, $97H)
By default, the WDTC is read only. User need to write values 1EH, E1H sequentially to the WDTKEY($97H) register to
enable the WDTC write attribute, That is
MOV WDTKEY, # 1EH
MOV WDTKEY, # E1H
When WDTC is set, user need to write another values E1H, 1EH sequentially to the WDTKEY($97H) register to disable the
WDTC write attribute, That is
MOV WDTKEY, # E1H
MOV WDTKEY, # 1EH
bit-7
bit-0
WDTE
Reserve
CLEAR
Unused
Unused
PS2
PS1
PS0
Read / Write:
R/W
-
R/W
-
-
R/W
R/W
R/W
Reset value:
0
*
0
*
*
0
0
0
PS [2:0]
Overflow Period (ms)
000
2.048
001
4.096
010
8.192
011
16.384
100
32.768
101
65.536
110
131.072
111
262.144
bit-7
bit-0
WDT
KEY7
WDT
KEY6
WDT
KEY5
WDT
KEY4
WDT
KEY3
WDT
KEY2
WDT
KEY1
WDT
KEY0
Read / Write:
W
W
W
W
W
W
W
W
Reset value:
0
0
0
0
0
0
0
0


Similar Part No. - SM79164

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108 SYNCMOS-SM79108 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108C40 SYNCMOS-SM79108C40 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108C40 SYNCMOS-SM79108C40 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108L25 SYNCMOS-SM79108L25 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
More results

Similar Description - SM79164

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM79108 SYNCMOS-SM79108_06 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com