Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM79108L25 Datasheet(PDF) 7 Page - SyncMOS Technologies,Inc

Part # SM79108L25
Description  8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM79108L25 Datasheet(HTML) 7 Page - SyncMOS Technologies,Inc

Back Button SM79108L25 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM79108L25 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM79108L25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM79108L25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM79108L25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM79108L25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM79108L25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM79108L25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM79108L25 Datasheet HTML 11Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Specifications subject to change without notice,contact your sales representatives for the most recent information.
7/26
Ver 2.1
SM79108 08/2006
SyncMOS Technologies International. Inc.
SM79108
Watch Dog Timer Registers - WDT Control Register (WDTC, 9FH)
WDTE : Watch Dog Timer enable bit
CLEAR : Watch Dog Timer reset bit
PS[2:0] : Overflow period select bits
System Control Register (SCONF, 0BFH)
WDR : Watch Dog Timer Reset. When system reset by Watch Dog Timer overflow, WDR will be set to 1
ALEI : ALE output inhibit bit, to reduce EMI
Setting bit 0 (ALEI) of SCONF can inhibit the clock signal in Fosc/6Hz output to the ALE pin.
The bit 7 (WDR) of SCONF is Watch Dog Timer Reset bit. It will be set to 1 when reset signal generated by WDT overflow.
User should check WDR bit whenever unpredicted reset happened.
2. Reduce EMI Function
The SM79108 allows user to reduce the EMI emission by setting 1 to the bit 0 (ALEI) of SCONF register. This function will
inhibit the clock signal in Fosc/6Hz output to the ALE pin.
bit-7
bit-0
WDTE
R
CLEAR
Unused
Unused
PS2
PS1
PS0
Read / Write:
R/W
-
R/W
-
-
R/W
R/W
R/W
Reset value:
000
*
*
000
PS [2:0]
Overflow Period (ms)
000
2.048
001
4.096
010
8.192
011
16.384
100
32.768
101
65.536
110
131.072
111
262.144
bit-7
bit-0
WDR
Unused
Unused
Unused
Unused
Reserved
Unused
ALEI
Read / Write:
R/W
-
-
-
-
-
-
R/W
Reset value:
0
****
*
*
0


Similar Part No. - SM79108L25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM79108L25 SYNCMOS-SM79108L25 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
More results

Similar Description - SM79108L25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
logo
Aplus Intergrated Circu...
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8051 SYNCMOS-SM8051 Datasheet
423Kb / 16P
   8 - Bit Micro-controller with 4/8KB ROM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com