Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF908 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF908
Description  Dual-gate MOS-FETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF908 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF908 Datasheet HTML 1Page - NXP Semiconductors BF908 Datasheet HTML 2Page - NXP Semiconductors BF908 Datasheet HTML 3Page - NXP Semiconductors BF908 Datasheet HTML 4Page - NXP Semiconductors BF908 Datasheet HTML 5Page - NXP Semiconductors BF908 Datasheet HTML 6Page - NXP Semiconductors BF908 Datasheet HTML 7Page - NXP Semiconductors BF908 Datasheet HTML 8Page - NXP Semiconductors BF908 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NXP Semiconductors
Product specification
Dual-gate MOS-FETs
BF908; BF908R
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
12
V
ID
drain current
40
mA
±IG1
gate 1 current
10
mA
±IG2
gate 2 current
10
mA
Ptot
total power dissipation
see Fig.3; note 1
BF908
up to Tamb =50 °C
200
mW
BF908R
up to Tamb =40 °C
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
150
°C
Fig.3 Power derating curves.
handbook, halfpage
0
50
100
150
200
250
0
50
100
150
200
BF908
BF908R
P
tot
(mW)
Tamb ( C)
o
MRC275
Rev. 03 - 14 November 2007
3 of 9


Similar Part No. - BF908

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF908 PHILIPS-BF908 Datasheet
87Kb / 8P
   Dual-gate MOS-FETs
1996 Jul 30
BF908 NXP-BF908 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF908-R JMNIC-BF908-R_15 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
BF908-R_2015 JMNIC-BF908-R_2015 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF908R PHILIPS-BF908R Datasheet
87Kb / 8P
   Dual-gate MOS-FETs
1996 Jul 30
More results

Similar Description - BF908

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF908 PHILIPS-BF908 Datasheet
87Kb / 8P
   Dual-gate MOS-FETs
1996 Jul 30
BF1100 PHILIPS-BF1100 Datasheet
159Kb / 14P
   Dual-gate MOS-FETs
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF908-R JMNIC-BF908-R_15 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
BF1100 JMNIC-BF1100_15 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
BF1100_2015 JMNIC-BF1100_2015 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1100 NXP-BF1100 Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
logo
Quanzhou Jinmei Electro...
BF908-R_2015 JMNIC-BF908-R_2015 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1102 NXP-BF1102_00 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
2000 Apr 11
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com