Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8958AC25 Datasheet(PDF) 1 Page - SyncMOS Technologies,Inc

Part # SM8958AC25
Description  8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8958AC25 Datasheet(HTML) 1 Page - SyncMOS Technologies,Inc

  SM8958AC25 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8958AC25 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SyncMOS Technologies International, Inc.
SM8958A
8-Bits Micro-controller
With 32KB flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1
SM8958A
08/2006
1
Product List
SM8958AL25, 25MHz 32KB internal flash MCU
SM8958AL33, 33MHz 32KB internal flash MCU
SM8958AC25, 25MHz 32KB internal flash MCU
SM8958AC40, 40MHz 32KB internal flash MCU
Description
The SM8958A is an 8-bit single chip micro controller
with 32KB on-chip flash and 1K byte RAM embedded.
It is a derivative of the 8052 micro controller family. It
has 5-channel SPWM build-in. With its hardware
features and powerful instruction set, it’s straight
forward to make it a versatile and cost effective
controller for those applications which demand up to 32
I/O pins for PDIP package or up to 36 I/O pins for
PLCC/QFP package, or applications which need up to
32K byte flash memory for program data. To program
the on-chip flash memory, a commercial writer is
available to do it in parallel programming method.
Ordering Information
yymmv
SM8958AihhkL
yy: year, ww: month
v: version identifier{ , A, B,…}
i: process identifier {L=3.0V~3.6V,C=4.5V~ 5.5V}
hh: working clock in MHz {25, 40}
k: package type postfix {as below table}
L:PB Free identifier
{No text is Non-PB Free,”P”is PB Free}
Postfix
Package
Pin / Pad
Configuration
Dimension
P
40L PDIP
Page 2
Page 20
J
44L PLCC
Page 2
Page 21
Q
44L QFP
Page 2
Page 22
Features
Working Voltage: 3.0V ~ 3.6V For L Version.
4.5V ~ 5.5V For C Version.
General 8052 family compatible
12 clocks per machine cycle
32K byte on chip program flash
1024 byte on-chip data RAM
Three 16 bit Timers/Counters
One Watch Dog Timer
Four 8-bit I/O ports for PDIP package
Four 8-bit I/O ports + one 4-bit I/O ports for
PLCC or QFP package
Full duplex serial channel
Bit operation instruction
Industrial Level
8-bit Unsigned Division
8-bit Unsigned Multiply
BCD arithmetic
Direct Addressing
Indirect Addressing
Nested Interrupt
Two priority level interrupt
A serial I/O port
Power save modes: Idle mode and Power
down mode
Code protection function
Low EMI (inhibit ALE)
5 channel SPWM function with P1.3 ~ P1.7
Taiwan
6F, No.10-2
Li- Hsin 1st Road ,
Science-based Industrial Park,
Hsinchu, Taiwan 30078
TEL: 886-3-567-1820
886-3-567-1880
FAX: 886-3-567-1891
886-3-567-1894


Similar Part No. - SM8958AC25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8958AC25 SYNCMOS-SM8958AC25 Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
More results

Similar Description - SM8958AC25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com