Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8566TH1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8566TH1
Description  2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8566TH1 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8566TH1 Datasheet HTML 1Page - NXP Semiconductors TDA8566TH1 Datasheet HTML 2Page - NXP Semiconductors TDA8566TH1 Datasheet HTML 3Page - NXP Semiconductors TDA8566TH1 Datasheet HTML 4Page - NXP Semiconductors TDA8566TH1 Datasheet HTML 5Page - NXP Semiconductors TDA8566TH1 Datasheet HTML 6Page - NXP Semiconductors TDA8566TH1 Datasheet HTML 7Page - NXP Semiconductors TDA8566TH1 Datasheet HTML 8Page - NXP Semiconductors TDA8566TH1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TDA8566_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 15 October 2007
5 of 21
NXP Semiconductors
TDA8566
2
× 40 W/2 Ω stereo BTL car radio power amplifier
6.2 Pin description
Table 3.
Pin description TDA8566TH and TDA8566TH1
Symbol
Pin
Description
TDA8566TH
TDA8566TH1
DIAG
1
1
short-circuit and temperature pre-warning
diagnostic output
IN2+
2
2
channel 2 input positive
IN2
3
3
channel 2 input negative
n.c.
4
4
not connected
n.c.
5
5
not connected
n.c.
6
6
not connected
n.c.
7
-
not connected
n.c.
-
8
not connected
n.c.
-
9
not connected
IN1+
8
10
channel 1 input positive
IN1
9
11
channel 1 input negative
SGND
10
12
signal ground
CLIP
11
13
clip detection output
VP1
12
14
supply voltage 1
n.c.
-
15
not connected
OUT1+
13
16
channel 1 output positive
PGND1
14
17
power ground 1
OUT1
15
18
channel 1 output negative
n.c.
-
-
not connected
OUT2+
16
19
channel 2 output positive
PGND2
17
20
power ground 2
OUT2
18
21
channel 2 output negative
n.c.
-
22
not connected
VP2
19
23
supply voltage 2
MODE
20
7
mode select switch input (standby/mute/operating)
HEATTAB
-
24
connect to ground, used for test purposes only
Table 4.
Pin description TDA8566Q
Symbol
Pin
Description
IN1+
1
channel 1 input positive
IN1
2
channel 1 input negative
SGND
3
signal ground
CLIP
4
clip detection output
VP1
5
supply voltage 1
OUT1+
6
channel 1 output positive
PGND1
7
power ground 1
OUT1
8
channel 1 output negative
n.c.
9
not connected


Similar Part No. - TDA8566TH1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
More results

Similar Description - TDA8566TH1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8566 PHILIPS-TDA8566_15 Datasheet
137Kb / 21P
   2X40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com