Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8566 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8566
Description  2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8566 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8566 Datasheet HTML 6Page - NXP Semiconductors TDA8566 Datasheet HTML 7Page - NXP Semiconductors TDA8566 Datasheet HTML 8Page - NXP Semiconductors TDA8566 Datasheet HTML 9Page - NXP Semiconductors TDA8566 Datasheet HTML 10Page - NXP Semiconductors TDA8566 Datasheet HTML 11Page - NXP Semiconductors TDA8566 Datasheet HTML 12Page - NXP Semiconductors TDA8566 Datasheet HTML 13Page - NXP Semiconductors TDA8566 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TDA8566_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 15 October 2007
10 of 21
NXP Semiconductors
TDA8566
2
× 40 W/2 Ω stereo BTL car radio power amplifier
11. Dynamic characteristics
Table 8.
Dynamic characteristics
VP = 14.4 V; Tamb =25 °C; RL =2 Ω; fi = 1 kHz; measured in test circuit of Figure 9; unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
output power
THD = 0.5 %
25
30
-
W
THD = 10 %
33
40
-
W
THD = 30 %
45
55
-
W
VP = 13.5 V; THD = 0.5 %
-
25
-
W
VP = 13.5 V; THD = 10 %
-
35
-
W
THD = 0.5 %; RL =4 Ω
16
19
-
W
THD = 10 %; RL =4 Ω
21
25
-
W
THD = 30 %; RL =4 Ω
28
35
-
W
VP = 13.5 V;
THD = 0.5 %; RL =4 Ω
-14
-
W
VP = 13.5 V; THD = 10 %;
RL =4 Ω
-22
-
W
THD
total harmonic
distortion
Po = 1 W
-
0.1
-
%
VCLIP = 0.6 V
[1] -8
-%
Po = 1 W; RL =4 Ω
-
0.05
-
%
B
power bandwidth
THD = 0.5 %; Po = −1dB
with respect to 25 W
-20 to
20000
-Hz
fro(l)
low frequency roll
off
−1dB
[2] -25
-
Hz
fro(h)
high frequency roll
off
−1 dB
20
-
-
kHz
Gv
closed loop voltage
gain
25
26
27
dB
SVRR
supply voltage
ripple rejection
operating
[3] 50
60
-
dB
mute
[3] 50
--dB
standby
[3] 80
--dB
Zi
input impedance
differential
100
120
150
k
single-ended
50
60
75
k
|∆Zi|
input impedance
mismatch
-2
-%
Vn(o)
noise output
voltage
operating; Rs =0 Ω
[4] -
85
120
µV
operating; Rs =10kΩ
[4] -
100
-
µV
mute; independent of Rs
[4] -60
-
µV
αcs
channel separation
Po = 25 W; Rs =10kΩ
45
50
-
dB
|∆Gv|
channel unbalance
-
-
1
dB


Similar Part No. - TDA8566

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8566 PHILIPS-TDA8566 Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8566 PHILIPS-TDA8566 Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8566 PHILIPS-TDA8566_15 Datasheet
137Kb / 21P
   2X40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
More results

Similar Description - TDA8566

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8566 PHILIPS-TDA8566_15 Datasheet
137Kb / 21P
   2X40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com