Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FRL-274 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part No. FRL-274
Description  HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

FRL-274 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FRL-274 SERIES
2. OPERATING COIL VOLTAGE (EXAMPLE)
3. LIFE TEST (EXAMPLE)
[Low power (H type)]
Operating temperature range (ºC)
80
Pick-up
voltage
Contact
carry
15A
60
70
80
90
100
110
120
130
140
10 0 10 20 30 40 50 60 70
150
160
Continuous carrying
range
Intermittant
operation
is
required
at
15
A
[Standard (D type)]
Operating temperature range(ºC)
80
10
0 10 20 30 40 50 60 70
Pick-up
voltage
Pick-up voltage of
51,56 type
Contact carry 15 A
Pick-up voltage of 01 type (0.4 mm gap)
Continuous carry range
50
60
70
80
90
100
110
120
130
Intermittant operation is
required at 15 A
Operating temperature range (°C)
80
Pick-up
voltage
Contact
carry
15A
40
50
60
70
80
90
100
110
120
–10 0 10 20 30 40 50 60 70
130
Continuous carrying
range
[40Atype]
•Shift of pick-up and drop-out voltage
•Shift of contact resistance
(measured at 6 V-1 A)
100
80
60
40
20
0
Pick-up
Drop-out
Initial
20
50
100
500
1,000
Initial
20
50
100
500
1,000
No. of operations (x104)
No. of operations (x104)
1,000
100
10
1
•Test item
16 VDC, 40 A
Motor lock
2 x 105 operations
•Test circuit
•Circuit wave form
40 A
0 A
[40Atype]


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn