Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5964AL25 Datasheet(PDF) 5 Page - SyncMOS Technologies,Inc

Part # SM5964AL25
Description  8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5964AL25 Datasheet(HTML) 5 Page - SyncMOS Technologies,Inc

  SM5964AL25 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5964AL25 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SyncMOS Technologies International, Inc.
SM5964A
8-Bit Micro-controller
With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.3 SM5964A
10/2006
5
MNEMONIC
PDIP 40 pin
PQFP 44 Pin
PLCC 44 pin
Names and Functions
ALE
30
27
33
Address Latch Enable:
Output pulse for latching the low byte of the address during an
access to external memory. In normal operation, ALE is emitted
twice every machine cycle, and can be used for external timing or
clocking. Note that one ALE pulse is skipped during each access to
external data memory. Setting SFR SCONF.0 can disable ALE. With
this bit set, ALE will be active only during a MOVX instruction.
#PSEN
29
26
32
Program Store Enable:
The read strobe to external program memory. When executing code
from the external program memory, #PSEN is activated twice each
machine cycle, except that two #PSEN activations are skipped
during each access to external data memory. #PSEN is not activated
during fetches from internal program memory.
#EA
31
29
35
External Access Enable:
#EA must be externally held low to enable the device to fetch code
from external program memory locations. If #EA is held high, the
device executes from internal program memory.
X1
19
15
21
Crystal 1:
Input to the inverting oscillator amplifier and input to the internal
clock generator circuits.
X2
18
14
20
Crystal 2:
Output from the inverting oscillator amplifier.


Similar Part No. - SM5964AL25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964 Datasheet
539Kb / 28P
   8 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded
SM5964 SYNCMOS-SM5964 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
logo
Stealth Microwave, Inc.
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM5964-45 STEALTH_MICROWAVE-SM5964-45 Datasheet
187Kb / 2P
   5.925-6.425 GHz X Watt Linear Power Amplifier
logo
SyncMOS Technologies,In...
SM5964B SYNCMOS-SM5964B Datasheet
797Kb / 53P
   Main Flash ROM 64KB
More results

Similar Description - SM5964AL25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
logo
List of Unclassifed Man...
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com