Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM89T16R1 Datasheet(PDF) 23 Page - SyncMOS Technologies,Inc

Part No. SM89T16R1
Description  8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNCMOS [SyncMOS Technologies,Inc]
Homepage  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89T16R1 Datasheet(HTML) 23 Page - SyncMOS Technologies,Inc

Back Button SM89T16R1_06 Datasheet HTML 19Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 20Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 21Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 22Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 23Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 24Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 25Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 26Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 27Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
SyncMOS Technologies International, Inc.
SM89T16R1
8-Bits Micro-controller
With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM89T16R1 08/2006
23
Serial Port Mode 2:
Mode 3
This mode is similar to Mode 2 in all respects; expect that the baud rate is programmable. The user must first initialize
the Serial related SFR SCON before any communication can take place. This involves selection of the Mode and
Baud rate. The Timer 1 should also be initialized if modes 1 and 3 are used. In all four modes, transmission is started
by any instruction that uses SBUF as a destination register. Reception is initiated in Mode 0 by the condition RI = 0
and REN = 0. This will generate a clock on the TxD pin and shift in 8 bits on the RxD pin. Reception is initiated in
the other modes by the incoming start bit if REN = 1. The external device will start the communication by
transmitting the start bit.
Pulse Width Modulation (PWM)
The PWM output pins are P1.4 and P1.5.
The PWM clock is {Fosc/ (2xDivider)}, the PWM output frequency is {(PWM clock)/32} at 5 bits resolution and
{(PWM clock)/256} at 8 bits resolution.
The PWM SFR is shown as below:
PWMC ($D3H and $D4H)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PBS
PFS1
PFS0
PBS: when set, the PWM is 5 bits resolution.
PFS [1:0]: The PWM clock divider select.
PFS1
PFS0
PWM clock divider select
0
0
1
0
1
2
1
0
4
1
1
8
RxD
P3.0 Alternate
Input function
SAMPLE
Write to
SBUF
TxD
P3.1 Alternate
Input function
Serial Port Interrupt
SBUF
Receive Shift Register
CLOCK
PAROUT
SIN
RxD
P3.0 Alternate
Input function
Internal
Data Bus
READ SBUF
SBUF
D8
RB8
Bit
Detector
Clock Source
Mode
Input
1/4
osc/2
1/64
osc/32
1/1024 osc/512
1/2
1/16
SMOD=
(SMOD 1) 0
1
1/16
1- To-0
Detector
CLOCK
PARIN
SOUT
LOAD
Internal
Data Bus
STOP
START
TX START
TX CLOCK
RX CLOCK
RX START
TX SHIFT
RX SHIFT
LOAD SBUF
SHIFT CLOCK
RI
TI
Serial Control
D8
TB8
Transmit Shift Register


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn