Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMA199E Datasheet(PDF) 21 Page - NXP Semiconductors

Part # KMA199E
Description  Programmable angle sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA199E Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button KMA199E Datasheet HTML 17Page - NXP Semiconductors KMA199E Datasheet HTML 18Page - NXP Semiconductors KMA199E Datasheet HTML 19Page - NXP Semiconductors KMA199E Datasheet HTML 20Page - NXP Semiconductors KMA199E Datasheet HTML 21Page - NXP Semiconductors KMA199E Datasheet HTML 22Page - NXP Semiconductors KMA199E Datasheet HTML 23Page - NXP Semiconductors KMA199E Datasheet HTML 24Page - NXP Semiconductors KMA199E Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
KMA199E_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 18 October 2007
21 of 31
NXP Semiconductors
KMA199E
Programmable angle sensor
13.5.2 EEPROM registers
The device includes several internal registers, which are used for purposes, such as
customization and identification.
The initial signature allows read access to all areas, but write access just to customer
registers only. Write accesses to reserved areas are ignored. Since these registers are
implemented as EEPROM cells, writing to the registers needs a specific time tprog after
each write access.
Since there is no check for the programming time, the user has to take care that no other
access to the EEPROM is done during the programming. The EEPROM must not be
addressed during the time tprog.
Note: Before data can be stored in the EEPROM, the internal charge pump has to be
switched on for the duration of programming by setting register CTRL1, bit 11
EEP_CP_CLOCK_EN, as well as register TESTCTRL0, bit 11 EEP_WRITE_EN. For
calculating the checksum, all register addresses have to be read out and consulted,
although some of them are reserved for calibration purposes.
Table 17.
EEPROM registers
Address Command
write/read
Register
Bit
Description
Default
MSB/LSB
0h
00h/01h
reserved
-
addresses are reserved for calibration purposes
Note: These addresses have to be read out for
calculating the checksum. The content stored in
these registers may not be changed!
[1]
1h
02h/03h
2h
04h/05h
3h
06h/07h
4h
08h/09h
5h
0Ah/0Bh
6h
0Ch/0Dh
7h
0Eh/0Fh
ZERO_ANGLE
15 to 0
mechanical zero degree position
00h/00h
8h
10h/11h
MAGNET_LOST
15 to 0
magnet-lost detection
0000h — disabled
004Fh — enabled
00h/00h
9h
12h/13h
ANG_RNG_MULT_LSB
15 to 3
least significant bits of angular range multiplicator 20h/00h
2 to 0
undefined[2]
Ah
14h/15h
CLAMP_LO
15 to 13
undefined[2]
01h/00h
12 to 0
lower clamping level output voltage
Bh
16h/17h
CLAMP_HI
15 to 13
undefined[2]
12h/FFh
12 to 0
upper clamping level output voltage
Ch
18h/19h
ID_LO
15 to 0
lower 16 bits of identification code
00h/00h
Dh
1Ah/1Bh
ID_HI
15 to 0
upper 16 bits of identification code
00h/00h
Eh
1Ch/1Dh
CLAMP_SW_ANGLE
15 to 6
when angle is bigger than CLAMP_SW_ANGLE
the output will switch to CLAMP_LO for a positive
slope
FFh/C1h
ANG_RNG_MULT_MSB 5 to 0
most significant bits of angular range multiplicator


Similar Part No. - KMA199E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMA199 NXP-KMA199 Datasheet
595Kb / 36P
   Programmable angle sensor
Rev. 01-26 April 2010
More results

Similar Description - KMA199E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMA200 PHILIPS-KMA200 Datasheet
135Kb / 31P
   Programmable angle sensor
Rev. 05-16 August 2005
KMA221 NXP-KMA221 Datasheet
566Kb / 36P
   Programmable angle sensor
Rev. 1-16 July 2013
KMA199 NXP-KMA199 Datasheet
595Kb / 36P
   Programmable angle sensor
Rev. 01-26 April 2010
KMA200 NXP-KMA200 Datasheet
163Kb / 32P
   Programmable angle sensor
Rev. 07-18 July 2008
KMA210-115 NXP-KMA210-115 Datasheet
591Kb / 37P
   Programmable angle sensor
Rev. 2-7 December 2011
KMA200 PHILIPS-KMA200_11 Datasheet
278Kb / 33P
   Programmable angle sensor
Rev. 8-7 December 2011
logo
Micronas
HAL3625 MICRONAS-HAL3625 Datasheet
215Kb / 2P
   Programmable Direct Angle Sensor
logo
NXP Semiconductors
KMA310 NXP-KMA310 Datasheet
888Kb / 71P
   Programmable angle sensor IC
Rev. 3-27 February 2019
KMZ80 NXP-KMZ80 Datasheet
937Kb / 71P
   Programmable angle sensor IC
Rev. 2.1-4 July 2018
KMA321 NXP-KMA321_V01 Datasheet
1Mb / 71P
   Programmable angle sensor IC
Rev. 6 ??18 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com