Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29PL129N65GFW002 Datasheet(PDF) 4 Page - SPANSION

Part # S29PL129N65GFW002
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL129N65GFW002 Datasheet(HTML) 4 Page - SPANSION

  S29PL129N65GFW002 Datasheet HTML 1Page - SPANSION S29PL129N65GFW002 Datasheet HTML 2Page - SPANSION S29PL129N65GFW002 Datasheet HTML 3Page - SPANSION S29PL129N65GFW002 Datasheet HTML 4Page - SPANSION S29PL129N65GFW002 Datasheet HTML 5Page - SPANSION S29PL129N65GFW002 Datasheet HTML 6Page - SPANSION S29PL129N65GFW002 Datasheet HTML 7Page - SPANSION S29PL129N65GFW002 Datasheet HTML 8Page - SPANSION S29PL129N65GFW002 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
4
S29PL-N MirrorBit
Flash Family
S29PL-N_00_A5 June 6, 2007
Data
Sheet
(Pre limin ar y)
Performance Characteristics
Note
Typical program and erase times assume the following conditions: 25°C, 3.0 V VCC, 10,000 cycles; checkerboard data pattern.
Read Access Times (@ 30 pF, Industrial Temp.)
Random Access Time, ns (tACC)
65
70
Page Access Time, ns (tPACC)
25
30
Max CE# Access Time, ns (tCE)
65
70
Max OE# Access Time, ns (tOE)
25
30
Current Consumption (typical values)
8-Word Page Read
6 mA
Simultaneous Read/Write
65 mA
Program/Erase
25 mA
Standby
20 µA
Typical Program & Erase Times (typical values) (See Note)
Typical Word
40 µs
Typical Effective Word (32 words in buffer)
9.4 µs
Accelerated Write Buffer Program
6 µs
Typical Sector Erase Time (32-Kword Sector)
300 ms
Typical Sector Erase Time (128-Kword Sector)
1.6 s
Package Options
S29PL-N
VBH064 8.0 x 11.6 mm, 64-ball
VBH084 8.0 x 11.6 mm, 84-ball
256
129
127


Similar Part No. - S29PL129N65GFW002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL129N65GFW002 SPANSION-S29PL129N65GFW002 Datasheet
1Mb / 85P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
More results

Similar Description - S29PL129N65GFW002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL-N SPANSION-S29PL-N Datasheet
1Mb / 85P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL642G AMD-AM29DL642G Datasheet
828Kb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL127H AMD-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com