Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSL-33120-CXX0G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # TRSL-33120-CXX0G
Description  3.3V / CWDM / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-33120-CXX0G Datasheet(HTML) 1 Page - Optoway Technology Inc

  TRSL-33120-CXX0G Datasheet HTML 1Page - Optoway Technology Inc TRSL-33120-CXX0G Datasheet HTML 2Page - Optoway Technology Inc TRSL-33120-CXX0G Datasheet HTML 3Page - Optoway Technology Inc TRSL-33120-CXX0G Datasheet HTML 4Page - Optoway Technology Inc TRSL-33120-CXX0G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
TRSL-33120-CXX0G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V3.0
1
TRSL-33120-CXX0G
3.3V / CWDM / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Duplex LC Single Mode Transceiver
l SONET OC-3 LR-2 / SDH STM-1 (L-1.2) Compliant
l Small Form Factor, RJ-45 size, 2X5 pin Package
l 18-Wavelength CWDM DFB LD Transmitter from
1270 nm to 1610 nm, with step 20 nm
l 34 dB Link Budget at Least
l LVPECL Signal Input / Output
l LVTTL Transmitter Disable Input
l LVPECL Signal Detect Output
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l ATM 155 Mbps Links
l SONET/SDH Equipment Interconnect
l Fast Ethernet 100 Mb/s Links
DESCRIPTION
The TRSL-33120-CXX0G series single mode transceivers
is
low power, high performance CWDM modules for
bi-directional serial optical data communications such as
long-reach SONET OC-3 LR / SDH STM-1 and Fast
Ethernet. There are eighteen center wavelengths available
from 1270 nm to 1610 nm, each step 20 nm. A guaranteed
minimum optical link budget of 34 dB is offered. The
transmitter section uses a multiple quantum well CWDM
DFB laser and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section uses an integrated InGaAs detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC. A PECL logic interface simplifies
interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SDH/
SONET
Power
Budget
(dB)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
TRSL-33120-CXX0G
125/155
≥ 34
CWDM*
2X5 LC
0 to 70
5 to 0
-34
Yes
CWDM Wavelength (0 to 70
oC)
Central
Wavelength
Min.
(nm)
Typ.
(nm)
Max.
(nm)
Central
Wavelength
Min.
(nm)
Typ.
(nm)
Max.
(nm)
-C270
1264.5
1270
1277.5
-C450
1444.5
1450
1457.5
-C290
1284.5
1290
1297.5
-C470
1464.5
1470
1477.5
-C310
1304.5
1310
1317.5
-C490
1484.5
1490
1497.5
-C330
1324.5
1330
1337.5
-C510
1504.5
1510
1517.5
-C350
1344.5
1350
1357.5
-C530
1524.5
1530
1537.5
-C370
1364.5
1370
1377.5
-C550
1544.5
1550
1557.5
-C390
1384.5
1390
1397.5
-C570
1564.5
1570
1577.5
-C410
1404.5
1410
1417.5
-C590
1584.5
1590
1597.5
-C430
1424.5
1430
1437.5
-C610
1604.5
1610
1617.5
CWDM*: 18 Wavelengths from 1270 nm to 1610 nm, each step 20 nm.


Similar Part No. - TRSL-33120-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-33120G OPTOWAY-TRSL-33120G Datasheet
124Kb / 4P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120WG OPTOWAY-TRSL-33120WG Datasheet
159Kb / 5P
   3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-33120-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-3380-CXX0G OPTOWAY-TRSL-3380-CXX0G Datasheet
129Kb / 5P
   3.3V / CWDM / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-33100-CXX0G OPTOWAY-TRSL-33100-CXX0G Datasheet
129Kb / 5P
   3.3V / CWDM / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380-CXX0G OPTOWAY-TRSL-5380-CXX0G Datasheet
129Kb / 5P
   3.3V / CWDM / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-3130G OPTOWAY-TRSL-3130G Datasheet
113Kb / 4P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-3320G OPTOWAY-TRSL-3320G Datasheet
113Kb / 4P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-3130AG OPTOWAY-TRSL-3130AG Datasheet
113Kb / 4P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-3150AG OPTOWAY-TRSL-3150AG Datasheet
113Kb / 4P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com