Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB96F356YSAPMC1-GE2 Datasheet(PDF) 52 Page - Fujitsu Component Limited.

Part # MB96F356YSAPMC1-GE2
Description  16-bit Proprietary Microcontroller
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F356YSAPMC1-GE2 Datasheet(HTML) 52 Page - Fujitsu Component Limited.

Back Button MB96F356YSAPMC1-GE2 Datasheet HTML 48Page - Fujitsu Component Limited. MB96F356YSAPMC1-GE2 Datasheet HTML 49Page - Fujitsu Component Limited. MB96F356YSAPMC1-GE2 Datasheet HTML 50Page - Fujitsu Component Limited. MB96F356YSAPMC1-GE2 Datasheet HTML 51Page - Fujitsu Component Limited. MB96F356YSAPMC1-GE2 Datasheet HTML 52Page - Fujitsu Component Limited. MB96F356YSAPMC1-GE2 Datasheet HTML 53Page - Fujitsu Component Limited. MB96F356YSAPMC1-GE2 Datasheet HTML 54Page - Fujitsu Component Limited. MB96F356YSAPMC1-GE2 Datasheet HTML 55Page - Fujitsu Component Limited. MB96F356YSAPMC1-GE2 Datasheet HTML 56Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 159 page
background image
MB96300 Series
Preliminary Specification
52
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
I
CMOS level output (programmable IOL = 5mA,
IOH = -5mA and IOL = 2mA, IOH = -2mA)
2 different CMOS hysteresis inputs with input
shutdown function
Automotive input with input shutdown function)
TTL input with input shutdown function
Programmable pull-up registor: 50k
Ω approx.
Analogue input
J
CMOS level output (programmable IOL = 5mA,
IOH = -5mA and IOL = 2mA, IOH = -2mA)
2 different CMOS hysteresis inputs with input
shutdown function
Automotive input with input shutdown function)
TTL input with input shutdown function
Programmable pull-up registor: 50k
Ω approx.
SEG or COM output
Type
Circuit
Remarks
Pout
pull-up control
Nout
R
Hysteresis input
Automotive inputs
TTL input
Standby control for
input shutdown
Hysteresis input
Analog input
Pout
pull-up control
Nout
R
Hysteresis input
Automotive inputs
TTL input
Standby control for
input shutdown
Hysteresis input
SEG, COM output


Similar Part No. - MB96F356YSAPMC1-GE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB96F356YSBPMC-GSE2 FUJITSU-MB96F356YSBPMC-GSE2 Datasheet
3Mb / 110P
   16-bit Proprietary Microcontroller
MB96F356YSBPMC1-GSE2 FUJITSU-MB96F356YSBPMC1-GSE2 Datasheet
3Mb / 110P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB96F356YSAPMC1-GE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com