Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78L052A Datasheet(PDF) 16 Page - Winbond

Part # W78L052A
Description  8-BIT MICROCONTROLLER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78L052A Datasheet(HTML) 16 Page - Winbond

Back Button W78L052A Datasheet HTML 12Page - Winbond W78L052A Datasheet HTML 13Page - Winbond W78L052A Datasheet HTML 14Page - Winbond W78L052A Datasheet HTML 15Page - Winbond W78L052A Datasheet HTML 16Page - Winbond W78L052A Datasheet HTML 17Page - Winbond W78L052A Datasheet HTML 18Page - Winbond W78L052A Datasheet HTML 19Page - Winbond W78L052A Datasheet HTML 20Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
W78LE52/W78L052A
- 16 -
10. AC CHARACTERISTICS
The AC specifications are a function of the particular process used to manufacture the part, the ratings
of the I/O buffers, the capacitive load, and the internal routing capacitance. Most of the specifications
can be expressed in terms of multiple input clock periods (TCP), and actual parts will usually
experience less than a
±20 nS variation. The numbers below represent the performance expected
from a 0.6micron CMOS process when using 2 and 4 mA output buffers.
Clock Input Waveform
T
T
XTAL1
F
CH
CL
OP,
TCP
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTES
Operating Speed
FOP
0
-
20
MHz
1
Clock Period
TCP
50
-
-
nS
2
Clock High
TCH
25
-
-
nS
3
Clock Low
TCL
25
-
-
nS
3
Notes:
1. The clock may be stopped indefinitely in either state.
2. The TCP specification is used as a reference in other specifications.
3. There are no duty cycle requirements on the XTAL1 input.
Program Fetch Cycle
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTES
Address Valid to ALE Low
TAAS
1 TCP -
Δ
-
-
nS
4
Address Hold from ALE Low
TAAH
1 TCP -
Δ
-
-
nS
1, 4
ALE Low to
PSEN Low
TAPL
1 TCP -
Δ
-
-
nS
4
PSEN Low to Data Valid
TPDA
-
-
2 TCP
nS
2
Data Hold after PSEN High
TPDH
0
-
1 TCP
nS
3
Data Float after PSEN High
TPDZ
0
-
1 TCP
nS
ALE Pulse Width
TALW
2 TCP -
Δ
2 TCP
-
nS
4
PSEN
Pulse Width
TPSW
3 TCP -
Δ
3 TCP
-
nS
4
Notes:
1. P0.0
−P0.7, P2.0−P2.7 remain stable throughout entire memory cycle.
2. Memory access time is 3 TCP.
3. Data have been latched internally prior to
PSEN going high.
4. "
Δ" (due to buffer driving delay and wire loading) is 20 nS.


Similar Part No. - W78L052A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L052C WINBOND-W78L052C Datasheet
294Kb / 23P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78L052A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com