Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W55RFS27T1BH Datasheet(PDF) 11 Page - Winbond

Part # W55RFS27T1BH
Description  SUPER-REGENERATION RF TRANSMITTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W55RFS27T1BH Datasheet(HTML) 11 Page - Winbond

Back Button W55RFS27T1BH Datasheet HTML 7Page - Winbond W55RFS27T1BH Datasheet HTML 8Page - Winbond W55RFS27T1BH Datasheet HTML 9Page - Winbond W55RFS27T1BH Datasheet HTML 10Page - Winbond W55RFS27T1BH Datasheet HTML 11Page - Winbond W55RFS27T1BH Datasheet HTML 12Page - Winbond W55RFS27T1BH Datasheet HTML 13Page - Winbond W55RFS27T1BH Datasheet HTML 14Page - Winbond W55RFS27T1BH Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
W55RFS27T1B
Publication Release Date:May 24, 2005
- 11 -
Revision A3
4.1.2 Application Circuit for 6 Control Functions
Set TEST = 0.
1. Use this circuit when F1 and F2 are required (i.e., when more than 4 functions are required).
2. When a 9-V battery is used, an external power switch is required to save power.
3. LEDs require extra components.
{Doc}
{RevCode}
W55RFS27T3B Application Circuit (49MHz)
A
11
Tuesday, July 06, 2004
Title
Size
Document Number
Rev
Date:
Sheet
of
VDD
VSPLY
VDD
VDD
VDD
VDD
VDD
Dependent on Antenna
LED control circuit
Overtone Crystal
Input Protection
For 49MHZ
* 27MHz,(L1,C7)= (56nH, 470pF), (L7,C33)=none
* 35MHz,(L1,C7)= (47nH, 360pF), (L7,C33)=(3.3uH,47n)
* 40MHz,(L1,C7)= (47nH, 300pF), (L7,C33)=(2.2uH,47n)
* 49MHz,(L1,C7)= (39nH, 240pF), (L7,C33)=(1uH,47n)
ID0
ID1
1N4148
D2
L2
1uH
JP7
ID1
1
2
3
300
R5
JP6
ID0
1
2
3
ANTENNA
R1
20K
C7
240p
SW1
Forward
1N4148
D1
C19
47n
SW2
Backward
L7
1uH
R4
1K
LED
LED1
+
C18
10u
C13 47n
100u
C0
SW3
Left turn
SW5
F1
L1
39nH
R3
1K
49.86MHz
C8 7p
C9
7p
C33
47n
SW6
F2
SW4
Right turn
U1
W55RFS27T3B
TXOUT
14
X2
11
CKSEL0
3
VDD
8
VSS
7
ANT
6
CKSEL1
5
RESET
9
S4
2
S3
1
S2
16
S1
15
ID1
12
ID0
13
TEST
4
X1
10
JP3
Power In
1
2
BT1
BAT
S1
S1
CKSEL0
TXOUT
ID1
S2
S2
ID0
TXOUT
TXOUT
CKSEL1
CKSEL0
CKSEL1
S2
S1


Similar Part No. - W55RFS27T1BH

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W55RFS27T1BH NUVOTON-W55RFS27T1BH Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
More results

Similar Description - W55RFS27T1BH

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W55RFS27T3 NUVOTON-W55RFS27T3 Datasheet
392Kb / 12P
   Super-Regeneration RF Transmitter
W55RFS27T1B NUVOTON-W55RFS27T1B Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
logo
List of Unclassifed Man...
W55RFS27T1B ETC2-W55RFS27T1B Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
W55RFS27T3 ETC2-W55RFS27T3 Datasheet
392Kb / 12P
   Super-Regeneration RF Transmitter
logo
Nuvoton Technology Corp...
W55RFS27R1B NUVOTON-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
logo
List of Unclassifed Man...
W55RFS27R1B ETC2-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
logo
Winbond
W55RFS27R1B WINBOND-W55RFS27R1B Datasheet
259Kb / 15P
   SUPER-REGENERATION RF RECEIVER
W55RFS27R3C WINBOND-W55RFS27R3C Datasheet
257Kb / 13P
   Super-Regeneration RF Receiver
logo
List of Unclassifed Man...
W55RFS27R3C ETC2-W55RFS27R3C Datasheet
485Kb / 12P
   Super-Regeneration RF Receiver
logo
Winbond
W55RFS27T3B WINBOND-W55RFS27T3B Datasheet
329Kb / 16P
   SUPER-REGENERATION RF RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com