Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS595 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS595
Description  8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS595 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LS595 Datasheet HTML 3Page - Texas Instruments SN74LS595 Datasheet HTML 4Page - Texas Instruments SN74LS595 Datasheet HTML 5Page - Texas Instruments SN74LS595 Datasheet HTML 6Page - Texas Instruments SN74LS595 Datasheet HTML 7Page - Texas Instruments SN74LS595 Datasheet HTML 8Page - Texas Instruments SN74LS595 Datasheet HTML 9Page - Texas Instruments SN74LS595 Datasheet HTML 10Page - Texas Instruments SN74LS595 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
no Sb/Br)
SN74LS595NSRG4
ACTIVE
SO
NS
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LS595NSRG4
ACTIVE
SO
NS
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LS596D
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
SN74LS596D
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
SN74LS596N
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN74LS596N
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN74LS596NE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN74LS596NE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SNJ54LS595FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54LS595FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54LS595J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS595J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS595W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
SNJ54LS595W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
4-Jun-2007
Addendum-Page 2


Similar Part No. - SN74LS595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS595 TI-SN74LS595 Datasheet
248Kb / 15P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN74LS595D TI-SN74LS595D Datasheet
248Kb / 15P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN74LS595DE4 TI-SN74LS595DE4 Datasheet
248Kb / 15P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN74LS595DR TI-SN74LS595DR Datasheet
248Kb / 15P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN74LS595DRE4 TI-SN74LS595DRE4 Datasheet
248Kb / 15P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
More results

Similar Description - SN74LS595

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC595 FAIRCHILD-MM74HC595_04 Datasheet
121Kb / 10P
   8-Bit Shift Registers with Output Latches
MM74HC595 FAIRCHILD-MM74HC595 Datasheet
93Kb / 10P
   8-Bit Shift Registers with Output Latches
logo
Texas Instruments
SN54LS594 TI-SN54LS594 Datasheet
165Kb / 5P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
logo
National Semiconductor ...
MM54HC595 NSC-MM54HC595 Datasheet
186Kb / 8P
   8-Bit Shift Registers with Output Latches
logo
Texas Instruments
SN54LS595 TI-SN54LS595 Datasheet
248Kb / 15P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN54LS594 TI1-SN54LS594_09 Datasheet
396Kb / 7P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
logo
Tiger Electronic Co.,Lt...
74HC595D TGS-74HC595D Datasheet
219Kb / 9P
   8-Bit Shift Registers with Output Latches
logo
Texas Instruments
SN54LS597 TI-SN54LS597 Datasheet
345Kb / 10P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH INPUT LATCHES
logo
Fairchild Semiconductor
MM74HC597 FAIRCHILD-MM74HC597_04 Datasheet
91Kb / 8P
   8-Bit Shift Registers with Input Latches
logo
Texas Instruments
SN54LS597 TI1-SN54LS597_15 Datasheet
674Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH INPUT LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com