Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP7015 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # TISP7015
Description  Three Terminal Very Low Voltage (VLV) Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP7015 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  TISP7015 Datasheet HTML 1Page - Bourns Electronic Solutions TISP7015 Datasheet HTML 2Page - Bourns Electronic Solutions TISP7015 Datasheet HTML 3Page - Bourns Electronic Solutions TISP7015 Datasheet HTML 4Page - Bourns Electronic Solutions TISP7015 Datasheet HTML 5Page - Bourns Electronic Solutions TISP7015 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
JULY 2000 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
This small-outline package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will
withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high
humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
D008 Plastic Small-outline Package
TISP7015 (VLV) Overvoltage Protector
MECHANICAL DATA
NOTES: A. Leads are within 0.25 (0.010) radius of true position at maximum material condition.
B. Body dimensions do not include mold flash or protrusion.
C. Mold flash or protrusion shall not exceed 0.15 (0.006).
D. Lead tips to be planar within ±0.051 (0.002).
D008
8
765
4
3
2
1
8-pin Small Outline Microelectronic Standard
Package MS-012, JEDEC Publication 95
MDXXAA E
INDEX
4.80 - 5.00
(0.189 - 0.197)
5.80 - 6.20
(0.228 - 0.244)
3.81 - 4.00
(0.150 - 0.157)
1.35 - 1.75
(0.053 - 0.069)
0.102 - 0.203
(0.004 - 0.008)
0.28 - 0.79
(0.011 - 0.031)
0.51 - 1.12
(0.020 - 0.044)
4.60 - 5.21
(0.181 - 0.205)
0.36 - 0.51
(0.014 - 0.020)
0.25 - 0.50
(0.010 - 0.020)
0.190 - 0.229
(0.0075 - 0.0090)
Pin Spacing
1.27
(0.050)
(see Note A)
6 places
x 45 ° N0M
8 Places
7 ° NOM
4 Places
7 ° NOM
3 Places
4 ° ± 4 °
DIMENSIONS ARE:
MM
(INCHES)


Similar Part No. - TISP7015

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7015L1 BOURNS-TISP7015L1 Datasheet
635Kb / 1P
   ITU-T
TISP7015L1 BOURNS-TISP7015L1 Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7015L1D BOURNS-TISP7015L1D Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7015L1D-S BOURNS-TISP7015L1D-S Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7015L1DR BOURNS-TISP7015L1DR Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP7015

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
UT71XX UTC-UT71XX_16 Datasheet
289Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
Unisonic Technologies
UT1018 UTC-UT1018_13 Datasheet
258Kb / 10P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT7115 UTC-UT7115 Datasheet
239Kb / 9P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
NEC
UPC2933A NEC-UPC2933A Datasheet
104Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com