Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL128P0XMFI013 Datasheet(PDF) 44 Page - SPANSION

Part # S25FL128P0XMFI013
Description  128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL128P0XMFI013 Datasheet(HTML) 44 Page - SPANSION

Back Button S25FL128P0XMFI013 Datasheet HTML 40Page - SPANSION S25FL128P0XMFI013 Datasheet HTML 41Page - SPANSION S25FL128P0XMFI013 Datasheet HTML 42Page - SPANSION S25FL128P0XMFI013 Datasheet HTML 43Page - SPANSION S25FL128P0XMFI013 Datasheet HTML 44Page - SPANSION S25FL128P0XMFI013 Datasheet HTML 45Page - SPANSION S25FL128P0XMFI013 Datasheet HTML 46Page - SPANSION S25FL128P0XMFI013 Datasheet HTML 47Page - SPANSION S25FL128P0XMFI013 Datasheet HTML 48Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
44
S25FL128P
S25FL128P_00_04 July 2, 2007
Data
Sheet
(Pre limin ar y)
Figure 19.3 HOLD# Timing
Figure 19.4 Write Protect Setup and Hold Timing during WRSR when SRWD=1
tCH
tHZ
tCD
tHD
tHC
tLZ
CS#
SCK
SO
SI
HOLD#
WP#/ACC
CS#
SCK
SI
SO
Hi-Z
tWPS
tWPH


Similar Part No. - S25FL128P0XMFI013

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL128P CYPRESS-S25FL128P Datasheet
1Mb / 44P
   128-Mbit, 3.0 V Flash Memory
logo
SPANSION
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
More results

Similar Description - S25FL128P0XMFI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL128K SPANSION-S25FL128K Datasheet
2Mb / 59P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com