Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL128P0XMFI001 Datasheet(PDF) 23 Page - SPANSION

Part # S25FL128P0XMFI001
Description  128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL128P0XMFI001 Datasheet(HTML) 23 Page - SPANSION

Back Button S25FL128P0XMFI001 Datasheet HTML 19Page - SPANSION S25FL128P0XMFI001 Datasheet HTML 20Page - SPANSION S25FL128P0XMFI001 Datasheet HTML 21Page - SPANSION S25FL128P0XMFI001 Datasheet HTML 22Page - SPANSION S25FL128P0XMFI001 Datasheet HTML 23Page - SPANSION S25FL128P0XMFI001 Datasheet HTML 24Page - SPANSION S25FL128P0XMFI001 Datasheet HTML 25Page - SPANSION S25FL128P0XMFI001 Datasheet HTML 26Page - SPANSION S25FL128P0XMFI001 Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
July 2, 2007 S25FL128P_00_04
S25FL128P
23
Da ta
Shee t
(Prelim i nar y )
11.3.2
Parallel Mode
In parallel mode, the maximum SCK clock frequency is 10 MHz. The device requires a single clock cycle
instead of eight clock cycles to access the next data byte. The method of memory content output will be the
same compared to the serial mode. The only difference is that a byte of data is output per clock cycle instead
of a single bit. In this case, the manufacturer identification will be output during the first byte cycle and the
device identification during the second and third byte cycles out of the PO7-PO0 serial output pins. To read ID
in parallel mode requires a Parallel Mode Entry command (55h) to be issued before the RDID command.
Once in the parallel mode, the flash memory will not exit parallel mode until a Parallel Mode Exit (45h)
command is given to the flash device, or upon power down/power up sequence.
Figure 11.5 Parallel Read_ID Command Sequence and Data Out Sequence
Table 11.1 Manufacturer & Device Identification, RDID (9Fh)
Device
Manufacturer Identification
Device Identification
Extended Device Identification
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Uniform 256 KB Sector
01h
20h
18h
03h
00h
Uniform 64 KB Sector
01h
20h
18h
03h
01h
CS#
SCK
SI
PO[7-0]
High Impedance
Instruction
Manufacturer/Device Identification
012
3
4567
8
910
11
12
Byte
0
Byte
1
Byte
2
Byte
3
Byte
4


Similar Part No. - S25FL128P0XMFI001

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL128P CYPRESS-S25FL128P Datasheet
1Mb / 44P
   128-Mbit, 3.0 V Flash Memory
logo
SPANSION
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
More results

Similar Description - S25FL128P0XMFI001

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL128K SPANSION-S25FL128K Datasheet
2Mb / 59P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com