Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S25FL128P Datasheet(PDF) 8 Page - SPANSION

Part No. S25FL128P
Description  128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPANSION [SPANSION]
Homepage  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL128P Datasheet(HTML) 8 Page - SPANSION

Back Button S25FL128P Datasheet HTML 4Page - SPANSION S25FL128P Datasheet HTML 5Page - SPANSION S25FL128P Datasheet HTML 6Page - SPANSION S25FL128P Datasheet HTML 7Page - SPANSION S25FL128P Datasheet HTML 8Page - SPANSION S25FL128P Datasheet HTML 9Page - SPANSION S25FL128P Datasheet HTML 10Page - SPANSION S25FL128P Datasheet HTML 11Page - SPANSION S25FL128P Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
S25FL128P
S25FL128P_00_04 July 2, 2007
Data
Sheet
(Pre limin ar y)
2.
Connection Diagrams
Figure 2.1 16-pin Plastic Small Outline Package (SO)
Figure 2.2 8-Pin WSON Package (6 x 8 mm)
1
2
3
4
16
15
14
13
HOLD#
VCC
NC
PO2
PO5
PO6
SI
SCK
5
6
7
8
12
11
10
9
WP#/ACC
GND
PO3
PO4
PO1
PO0
CS#
SO/PO7
1
2
3
4
5
6
7
8
CS#
VCC
SO
HOLD#
SCK
SI
GND
WSON
WP#/ACC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M25P202 Mbit Low Voltage Serial Flash Memory With 40MHz SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
AM29LV652D128 Megabit 16 M x 8-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO™ Control 1 2 3 4 5 MoreAdvanced Micro Devices
M45PE10-071 Mbit low voltage Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface 1 2 3 4 5 MoreSTMicroelectronics
AM29LV642D_06128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O™ Control 1 2 3 4 5 MoreAdvanced Micro Devices
M45PE80_068 Mbit low voltage Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface 1 2 3 4 5 MoreSTMicroelectronics
M45PE1616 Mbit low-voltage Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface 1 2 3 4 5 MoreSTMicroelectronics
A25L40P4 Mbit Low Voltage Serial Flash Memory With 85MHz SPI Bus Interface 1 2 3 4 5 MoreAMIC Technology
AM29PDL128G128 Megabit 8 M x 16-Bit/4 M x 32-Bit CMOS 3.0 Volt-only Simultaneous Read/ Write Flash Memory with VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
M25P10-A_061 Mbit low voltage Serial Flash memory with 50MHz SPI bus interface 1 2 3 4 5 MoreSTMicroelectronics
AM29PDL129H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO 1 2 3 4 5 MoreAdvanced Micro Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn