Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S25FL128P Datasheet(PDF) 3 Page - SPANSION

Part No. S25FL128P
Description  128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL128P Datasheet(HTML) 3 Page - SPANSION

  S25FL128P Datasheet HTML 1Page - SPANSION S25FL128P Datasheet HTML 2Page - SPANSION S25FL128P Datasheet HTML 3Page - SPANSION S25FL128P Datasheet HTML 4Page - SPANSION S25FL128P Datasheet HTML 5Page - SPANSION S25FL128P Datasheet HTML 6Page - SPANSION S25FL128P Datasheet HTML 7Page - SPANSION S25FL128P Datasheet HTML 8Page - SPANSION S25FL128P Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. The Preliminary status of this document indicates that product qual-
ification has been completed, and that initial production has begun. Due to the phases of the manufacturing process that require maintaining efficiency and quality, this document
may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication Number S25FL128P_00
Revision 04
Issue Date July 2, 2007
Distinctive Characteristics
Architectural Advantages
Single power supply operation
– Full voltage range: 2.7 to 3.6 V read and program operations
Memory Architecture
– 128Mb uniform 256 KB sector product
– 128Mb uniform 64 KB sector product
Program
– Page Program (up to 256 bytes) in 1.5 ms (typical)
– Faster program time in Accelerated Programming mode
(8.5 V–9.5 V on #WP/ACC) in 1.2 ms (typical)
Erase
– 2 s typical 256 KB sector erase time
– 0.5 s typical 64 KB sector erase time
– 128 s typical bulk erase time
– Sector erase (SE) command (D8h) for 256 KB sectors; (20h or D8h)
for 64KB sectors
– Bulk erase command (C7h) for 256 KB sectors; (60h or C7h) for
64KB sectors
Cycling Endurance
– 100,000 cycles per sector typical
Data Retention
– 20 years typical
Device ID
– RDID (9Fh), READ_ID (90h) and RES (ABh) commands to read
manufacturer and device ID information
– RES command one-byte electronic signature for backward
compatibility
Process Technology
– Manufactured on 0.09 µm MirrorBit
® process technology
Package Option
– Industry Standard Pinouts
– 16-pin SO package (300 mils)
– 8-Contact WSON Package (6 x 8 mm)
Performance Characteristics
Speed
– 104 MHz clock rate (maximum)
Power Saving Standby Mode
– Standby Mode 200 µA (max)
– Deep Power Down Mode 3 µA (typical)
Memory Protection Features
Memory Protection
– WP#/ACC pin works in conjunction with Status Register Bits to
protect specified memory areas
– 256 KB uniform sector product:
Status Register Block Protection bits (BP2, BP1, BP0) in status
register configure parts of memory as read-only.
– 64KB uniform sector product:
Status Register Block Protection bits (BP3, BP2, BP1, BP0) in
status register configure parts of memory as read-only
Software Features
– SPI Bus Compatible Serial Interface
Hardware Features
x8 Parallel Programming Mode (for 16-pin SO package only)
General Description
The S25FL128P is a 3.0 Volt (2.7 V to 3.6 V), single-power-supply Flash memory device. The device consists
of 64 sectors of 256 KB memory, or 256 sectors of 64 KB memory.
The device accepts data written to SI (Serial Input) and outputs data on SO (Serial Output). The devices are
designed to be programmed in-system with the standard system 3.0 volt VCC supply.
The memory can be programmed 1 to 256 bytes at a time, using the Page Program command. The device
supports Sector Erase and Bulk Erase commands.
Each device requires only a 3.0 volt power supply (2.7 V to 3.6 V) for both read and write functions. Internally
generated and regulated voltages are provided for the program operations. This device requires a high
voltage supply to WP#/ACC pin for the Accelerated Programming mode.
S25FL128P
128 Megabit CMOS 3.0 Volt Flash Memory
with 104-MHz SPI (Serial Peripheral Interface) Bus
Data Sheet (Preliminary)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M25P20 2 Mbit Low Voltage Serial Flash Memory With 40MHz SPI Bus Interface 1  2  3  4  5  More STMicroelectronics
AM29LV652D 128 Megabit 16 M x 8-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO™ Control 1  2  3  4  5  More Advanced Micro Devices
M45PE10-07 1 Mbit low voltage Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface 1  2  3  4  5  More STMicroelectronics
AM29LV642D_06 128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O™ Control 1  2  3  4  5  More Advanced Micro Devices
M45PE80_06 8 Mbit low voltage Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface 1  2  3  4  5  More STMicroelectronics
M45PE16 16 Mbit low-voltage Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface 1  2  3  4  5  More STMicroelectronics
A25L40P 4 Mbit Low Voltage Serial Flash Memory With 85MHz SPI Bus Interface 1  2  3  4  5  More AMIC Technology
AM29PDL128G 128 Megabit 8 M x 16-Bit/4 M x 32-Bit CMOS 3.0 Volt-only Simultaneous Read/ Write Flash Memory with VersatileIOTM Control 1  2  3  4  5  More Advanced Micro Devices
M25P10-A_06 1 Mbit low voltage Serial Flash memory with 50MHz SPI bus interface 1  2  3  4  5  More STMicroelectronics
AM29PDL129H 128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO 1  2  3  4  5  More Advanced Micro Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn