Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT2G04 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HCT2G04
Description  Dual inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G04 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HCT2G04 Datasheet HTML 1Page - NXP Semiconductors 74HCT2G04 Datasheet HTML 2Page - NXP Semiconductors 74HCT2G04 Datasheet HTML 3Page - NXP Semiconductors 74HCT2G04 Datasheet HTML 4Page - NXP Semiconductors 74HCT2G04 Datasheet HTML 5Page - NXP Semiconductors 74HCT2G04 Datasheet HTML 6Page - NXP Semiconductors 74HCT2G04 Datasheet HTML 7Page - NXP Semiconductors 74HCT2G04 Datasheet HTML 8Page - NXP Semiconductors 74HCT2G04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74HC2G04; 74HCT2G04 is a high-speed Si-gate CMOS device.
The 74HC2G04; 74HCT2G04 provides two inverting buffers.
2.
Features
I Wide supply voltage range from 2.0 V to 6.0 V
I Complies with JEDEC standard no. 7A
I High noise immunity
I ESD protection:
N HBM JESD22-A114-D exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Low power dissipation
I Balanced propagation delays
I Unlimited input rise and fall times
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
3.
Ordering information
4.
Marking
74HC2G04; 74HCT2G04
Dual inverter
Rev. 01 — 15 November 2006
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC2G04GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74HC2G04GV
−40 °C to +125 °C
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
74HCT2G04GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74HCT2G04GV
−40 °C to +125 °C
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
Table 2.
Marking
Type number
Marking code
74HC2G04GW
H4
74HC2G04GV
H04
74HCT2G04GW
T4
74HCT2G04GV
T04


Similar Part No. - 74HCT2G04

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT2G04 NEXPERIA-74HCT2G04 Datasheet
194Kb / 15P
   Dual inverter
74HCT2G04GV NEXPERIA-74HCT2G04GV Datasheet
194Kb / 15P
   Dual inverter
74HCT2G04GV,125 NEXPERIA-74HCT2G04GV,125 Datasheet
194Kb / 15P
   Dual inverter
74HCT2G04GV-Q100 NEXPERIA-74HCT2G04GV-Q100 Datasheet
201Kb / 15P
   Dual inverter
74HCT2G04GV.125 NEXPERIA-74HCT2G04GV.125 Datasheet
194Kb / 15P
   Dual inverter
More results

Similar Description - 74HCT2G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com