Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT2G04GV Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT2G04GV
Description  Dual inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G04GV Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT2G04GV Datasheet HTML 1Page - NXP Semiconductors 74HCT2G04GV Datasheet HTML 2Page - NXP Semiconductors 74HCT2G04GV Datasheet HTML 3Page - NXP Semiconductors 74HCT2G04GV Datasheet HTML 4Page - NXP Semiconductors 74HCT2G04GV Datasheet HTML 5Page - NXP Semiconductors 74HCT2G04GV Datasheet HTML 6Page - NXP Semiconductors 74HCT2G04GV Datasheet HTML 7Page - NXP Semiconductors 74HCT2G04GV Datasheet HTML 8Page - NXP Semiconductors 74HCT2G04GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74HC_HCT2G04_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 15 November 2006
2 of 14
NXP Semiconductors
74HC2G04; 74HCT2G04
Dual inverter
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
mnb079
1A
1Y
1
6
2A
2Y
3
4
1
1
6
mnb080
3
1
4
mna110
A
Y
Fig 4.
Pin configuration
74HC2G04
74HCT2G04
1A
1Y
GND
2A
2Y
001aaf304
1
2
3
6
VCC
5
4
Table 3.
Pin description
Symbol
Pin
Description
1A
1
data input
GND
2
ground (0 V)
2A
3
data input
2Y
4
data output
VCC
5
supply voltage
1Y
6
data output


Similar Part No. - 74HCT2G04GV

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT2G04GV NEXPERIA-74HCT2G04GV Datasheet
194Kb / 15P
   Dual inverter
74HCT2G04GV,125 NEXPERIA-74HCT2G04GV,125 Datasheet
194Kb / 15P
   Dual inverter
74HCT2G04GV-Q100 NEXPERIA-74HCT2G04GV-Q100 Datasheet
201Kb / 15P
   Dual inverter
74HCT2G04GV.125 NEXPERIA-74HCT2G04GV.125 Datasheet
194Kb / 15P
   Dual inverter
More results

Similar Description - 74HCT2G04GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com