Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9306 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9306
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9306 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9306 Datasheet HTML 5Page - NXP Semiconductors PCA9306 Datasheet HTML 6Page - NXP Semiconductors PCA9306 Datasheet HTML 7Page - NXP Semiconductors PCA9306 Datasheet HTML 8Page - NXP Semiconductors PCA9306 Datasheet HTML 9Page - NXP Semiconductors PCA9306 Datasheet HTML 10Page - NXP Semiconductors PCA9306 Datasheet HTML 11Page - NXP Semiconductors PCA9306 Datasheet HTML 12Page - NXP Semiconductors PCA9306 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
PCA9306_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 21 February 2007
9 of 21
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
11. Application information
(1) The applied voltages at Vref(1) and Vpu(D) should be such that Vbias(ref)(2) is at least 1 V higher
than Vref(1) for best translator operation.
Fig 9.
Typical application circuit (switch always enabled)
(1) In the Enabled mode, the applied enable voltage and the applied voltage at Vref(1) should be
such that Vbias(ref)(2) is at least 1 V higher than Vref(1) for best translator operation.
Fig 10. Typical application circuit (switch enable control)
002aab847
SCL1
SDA1
VREF1
GND
3
4
VREF2
1
6
5
SCL2
SDA2
8EN
SW
SW
PCA9306
7
200 k
RPU
RPU
Vpu(D) = 3.3 V(1)
I2C-BUS
DEVICE
SCL
SDA
VCC
GND
2
Vref(1) = 1.8 V(1)
RPU
RPU
I2C-BUS
MASTER
SCL
SDA
VCC
GND
002aab848
SCL1
SDA1
VREF1
GND
3
4
VREF2
1
6
5
SCL2
SDA2
8EN
SW
SW
PCA9306
7
200 k
RPU
RPU
Vpu(D) = 3.3 V
I2C-BUS
DEVICE
SCL
SDA
VCC
GND
2
Vref(1) = 1.8 V(1)
RPU
RPU
I2C-BUS
MASTER
SCL
SDA
VCC
GND
on
off
3.3 V enable signal(1)


Similar Part No. - PCA9306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
NXP Semiconductors
PCA9306 NXP-PCA9306 Datasheet
138Kb / 23P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 04-26 October 2009
PCA9306 NXP-PCA9306 Datasheet
232Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 05-19 March 2010
PCA9306 NXP-PCA9306 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 NXP-PCA9306 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com