Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP021212P Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DCP021212P
Description  Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DCP021212P Datasheet(HTML) 6 Page - Texas Instruments

Back Button DCP021212P Datasheet HTML 2Page - Texas Instruments DCP021212P Datasheet HTML 3Page - Texas Instruments DCP021212P Datasheet HTML 4Page - Texas Instruments DCP021212P Datasheet HTML 5Page - Texas Instruments DCP021212P Datasheet HTML 6Page - Texas Instruments DCP021212P Datasheet HTML 7Page - Texas Instruments DCP021212P Datasheet HTML 8Page - Texas Instruments DCP021212P Datasheet HTML 9Page - Texas Instruments DCP021212P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
OVERVIEW
POWER STAGE
OSCILLATOR AND WATCHDOG
THERMAL SHUTDOWN
CONSTRUCTION
SYNCHRONIZATION
DCP
02
V
OUT1
V
SUPPLY
V
S
0V
V
+V
OUT1
OUT2
SYNC
0V
COM
DCP
02
V
OUT2
V
S
0V
SYNC
0V
C
requiresalow-ESRceramiccapacitor:5Vto15Vversionis2.2 F;
24Vversionisminimum0.47 F.
m
IN
m
NOTE:(1)
C
IN
(1)
C
OUT
1.0 F
m
C
IN
(1)
C
OUT
1.0 F
m
DCP02 Series
SBVS011I – MARCH 2000 – REVISED NOVEMBER 2007
This interference occurs because of
the
small
variations in switching frequencies between the
The DCP02 offers up to 2W of unregulated output
DC/DC converters.
power from a 5V, 12V, 15V, or 24V input source with
a typical efficiency of up to 89%. This efficiency is
The DCP02 overcomes this interference by allowing
achieved
through
highly
integrated
packaging
devices to be synchronized to one another. Up to
technology and the implementation of a custom
eight devices can be synchronized by connecting the
power stage and control IC. The circuit design uses
SYNC pins together, taking care to minimize the
an advanced BiCMOS/DMOS process.
capacitance of tracking. Stray capacitance (> 10pF)
has the effect of reducing the switching frequency, or
even
stopping
the
oscillator
circuit.
It
is
also
recommended that power and ground lines be
The DCP02 uses a push-pull, center-tapped topology
star-connected.
switching at 400kHz (divide-by-2 from an 800kHz
It should be noted that if synchronized devices are
oscillator).
used at start up, all devices will draw maximum
current simultaneously. This configuration can cause
the input voltage to dip; if it dips below the minimum
The
onboard
800kHz
oscillator
generates
the
input voltage (4.5V), the devices may not start up. A
switching frequency via a divide-by-2 circuit. The
2.2
µF capacitor should be connected close to the
oscillator can be synchronized to other DCP02
input pins.
circuits or an external source, and is used to minimize
If more than eight devices are to be synchronized, it
system noise.
is recommended that the SYNC pins be driven by an
A watchdog circuit checks the operation of the
external device. Details are contained in Application
oscillator circuit. The oscillator can be stopped by
Report SBAA035, External Synchronization of the
pulling the SYNC pin low. The output pins will be
DCP01/02 Series of DC/DC Converters, available for
tri-stated, which occurs in 2
µs.
download from www.ti.com.
The DCP02 is protected by a thermal-shutdown
The basic construction of the DCP02 is the same as
circuit. If the on-chip temperature exceeds +150
°C,
standard ICs; there is no substrate within the molded
the device will shut down. Once the temperature falls
package. The DCP02 is constructed using an IC,
below +150
°C, normal operation resumes.
rectifier diodes, and a wound magnetic toroid on a
leadframe. Since there is no solder within the
package, the DCP02 does not require any special
printed circuit board (PCB) assembly processing. This
In the event that more than one DC/DC converter is
architecture results in an isolated DC/DC converter
needed
onboard,
beat
frequencies
and
other
with inherently high reliability.
electrical interference can be generated.
Figure 7. Connecting the DCP02 in Series
6
Submit Documentation Feedback
Copyright © 2000–2007, Texas Instruments Incorporated
Product Folder Link(s): DCP02 Series


Similar Part No. - DCP021212P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP021212P TI-DCP021212P Datasheet
530Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP021212P TI1-DCP021212P Datasheet
598Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP021212P TI1-DCP021212P Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP021212P TI1-DCP021212P Datasheet
1Mb / 28P
[Old version datasheet]   DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
More results

Similar Description - DCP021212P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI1-DCP02_14 Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI-DCP02 Datasheet
530Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP020503 TI1-DCP020503 Datasheet
598Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR021205 TI1-DCR021205 Datasheet
349Kb / 14P
[Old version datasheet]   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com