Electronic Components Datasheet Search |
|
EDE1116ABSE-6E-E Datasheet(PDF) 58 Page - Elpida Memory |
|
EDE1116ABSE-6E-E Datasheet(HTML) 58 Page - Elpida Memory |
58 / 82 page EDE1104ABSE, EDE1108ABSE, EDE1116ABSE Data Sheet E0852E50 (Ver. 5.0) 58 Burst Write Command [WRIT] The Burst Write command is initiated by having /CS, /CAS and /WE low while holding /RAS high at the rising edge of the clock. The address inputs determine the starting column address. Write latency (WL) is defined by a read latency (RL) minus one and is equal to (AL + CL −1). A data strobe signal (DQS) should be driven low (preamble) one clock prior to the WL. The first data bit of the burst cycle must be applied to the DQ pins at the first rising edge of the DQS following the preamble. The tDQSS specification must be satisfied for write cycles. The subsequent burst bit data are issued on successive edges of the DQS until the burst length of 4 is completed. When the burst has finished, any additional data supplied to the DQ pins will be ignored. The DQ Signal is ignored after the burst write operation is complete. The time from the completion of the burst write to bank precharge is the write recovery time (tWR). WRIT NOP CK /CK T0 T1 T2 T3 T4 T5 T6 T7 T9 Command DQS, /DQS DQ in2 PRE NOP ACT in1 in3 in0 WL = RL –1 = 2 ≤ tDQSS ≥tRP ≥tWR Completion of the burst write Burst Write Operation (RL = 3, WL = 2, BL = 4 tWR = 2 (AL=0, CL=3)) WRIT NOP CK /CK T0 T1 T2 T3 T4 T5 T6 T7 T8 Command DQS, /DQS DQ ≥tRP ≥tWR in2 in1 in3 in0 in6 in5 in7 in4 WL = RL –1 = 2 T9 T11 NOP ACT PRE ≤ tDQSS Completion of the burst write Burst Write Operation (RL = 3, WL = 2, BL = 8 (AL=0, CL=3)) |
Similar Part No. - EDE1116ABSE-6E-E |
|
Similar Description - EDE1116ABSE-6E-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |