Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1116ABSE-6E-E Datasheet(PDF) 54 Page - Elpida Memory

Part # EDE1116ABSE-6E-E
Description  1G bits DDR2 SDRAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1116ABSE-6E-E Datasheet(HTML) 54 Page - Elpida Memory

Back Button EDE1116ABSE-6E-E Datasheet HTML 50Page - Elpida Memory EDE1116ABSE-6E-E Datasheet HTML 51Page - Elpida Memory EDE1116ABSE-6E-E Datasheet HTML 52Page - Elpida Memory EDE1116ABSE-6E-E Datasheet HTML 53Page - Elpida Memory EDE1116ABSE-6E-E Datasheet HTML 54Page - Elpida Memory EDE1116ABSE-6E-E Datasheet HTML 55Page - Elpida Memory EDE1116ABSE-6E-E Datasheet HTML 56Page - Elpida Memory EDE1116ABSE-6E-E Datasheet HTML 57Page - Elpida Memory EDE1116ABSE-6E-E Datasheet HTML 58Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
EDE1104ABSE, EDE1108ABSE, EDE1116ABSE
Data Sheet E0852E50 (Ver. 5.0)
54
Burst Mode Operation
Burst mode operation is used to provide a constant flow of data to memory locations (write cycle), or from memory
locations (read cycle). The parameters that define how the burst mode will operate are burst sequence and burst
length. DDR2 SDRAM supports 4 bits burst and 8bits burst modes only. For 8 bits burst mode, full interleave
address ordering is supported, however, sequential address ordering is nibble based for ease of implementation.
The burst type, either sequential or interleaved, is programmable and defined by the address bit 3 (A3) of the MRS,
which is similar to the DDR-I SDRAM operation. Seamless burst read or write operations are supported.
Unlike DDR-I devices, interruption of a burst read or writes operation is limited to ready by Read or Write by Write at
the boundary of Burst 4. Therefore the burst stop command is not supported on DDR2 SDRAM devices.
[Burst Length and Sequence]
Burst length
Starting address (A2, A1, A0) Sequential addressing (decimal)
Interleave addressing (decimal)
000
0, 1, 2, 3
0, 1, 2, 3
001
1, 2, 3, 0
1, 0, 3, 2
010
2, 3, 0, 1
2, 3, 0, 1
4
011
3, 0, 1, 2
3, 2, 1, 0
000
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
001
1, 2, 3, 0, 5, 6, 7, 4
1, 0, 3, 2, 5, 4, 7, 6
010
2, 3, 0, 1, 6, 7, 4, 5
2, 3, 0, 1, 6, 7, 4, 5
011
3, 0, 1, 2, 7, 4, 5, 6
3, 2, 1, 0, 7, 6, 5, 4
100
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
101
5, 6, 7, 4, 1, 2, 3, 0
5, 4, 7, 6, 1, 0, 3, 2
110
6, 7, 4, 5, 2, 3, 0, 1
6, 7, 4, 5, 2, 3, 0, 1
8
111
7, 4, 5, 6, 3, 0, 1, 2
7, 6, 5, 4, 3, 2, 1, 0
Note: Page length is a function of I/O organization and column addressing
32M bits
× 4 organization (CA0 to CA9, CA11); Page Length = 2048 bits
16M bits
× 8 organization (CA0 to CA9); Page Length = 1024 bits
8M bits
× 16 organization (CA0 to CA9); Page Length = 1024 bits


Similar Part No. - EDE1116ABSE-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1116ACBG ELPIDA-EDE1116ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116ACBG-5C-E ELPIDA-EDE1116ACBG-5C-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116ACBG-6E-E ELPIDA-EDE1116ACBG-6E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116ACBG-8E-E ELPIDA-EDE1116ACBG-8E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116ACSE ELPIDA-EDE1116ACSE Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1116ABSE-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ACSE ELPIDA-EDE1104ACSE Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com