Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA15QS4-2 Datasheet(PDF) 2 Page - Littelfuse

Part # LA15QS4-2
Description  Special Purpose Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS4-2 Datasheet(HTML) 2 Page - Littelfuse

  LA15QS4-2 Datasheet HTML 1Page - Littelfuse LA15QS4-2 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Special Purpose Fuses
89
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse POWR-GARDProducts Catalog
Ampere
Rating
Littelfuse
Catalog Number
Mounting
Type
Maximum
Clearing I2t @150
VAC (A2S x 103)
Watts Loss @
Rated Current
(W)
1
LA15QS1-2
2
0.0002
0.68
2
LA15QS2-2
2
0.001
1.3
3
LA15QS3-2
2
0.003
1.7
4
LA15QS4-2
2
0.007
2.1
5
LA15QS5-2
2
0.012
2.8
6
LA15QS6-2
2
0.022
3.1
7
LA15QS7-2
2
0.011
2.2
8
LA15QS8-2
2
0.015
2.5
10
LA15QS10-2
2
0.019
2.6
12
LA15QS12-2
2
0.030
3
15
LA15QS15-2
2
0.042
3
20
LA15QS20-2
2
0.072
4
25
LA15QS25-2
2
0.14
5.2
30
LA15QS30-2
2
0.25
5.6
35
LA15QS35-1
1
0.21
9
40
LA15QS40-1
1
0.28
10
40
LA15QS40-4TI
4TI
0.39
3.1
45
LA15QS45-1
1
0.34
12
50
LA15QS50-1
1
0.47
13
50
LA15QS50-4
4
0.64
4
55
LA15QS55-1
1
Contact Factory
Contact Factory
60
LA15QS60-1
1
0.94
14
70
LA15QS70-4
4
2
5.6
70
LA15QS70-4TI
4TI
2
5.6
80
LA15QS80-4
4
2.5
8
80
LA15QS80-4TI
4TI
2.5
8
90
LA15QS90-4
4
3.1
9
100
LA15QS100-4
4
3.6
10
100
LA15QS100-4TI
4TI
3.6
10
130
LA15QS130-4
4
5.3
14
130
LA15QS130-4TI
4TI
5.3
14
150
LA15QS150-4
4
6.8
16
150
LA15QS150-4IL
4IL
6.8
16
150
LA15QS150-4TI
4TI
6.8
16
200
LA15QS200-4
4
9
22
200
LA15QS200-4IL
4IL
9
22
250
LA15QS250-4
4
15
22
LA15QS Semiconductor Fuses
150 VAC • Very Fast Acting • 1 – 6000 Amperes
Catalog Numbers & Technical Data
Ampere
Rating
Littelfuse
Catalog Number
Mounting
Type
Maximum
Clearing I2t @150
VAC (A2S x 103)
Watts Loss @
Rated Current
(W)
250
LA15QS250-4TI
4TI
15
27
300
LA15QS300-4
4
22
33
300
LA15QS300-4IL
4IL
22
33
300
LA15QS300-4TL
4TI
22
33
350
LA15QS350-4
4
32
40
350
LA15QS350-4TI
4TI
32
40
400
LA15QS400-4
4
40
45
400
LA15QS400-4IL
4IL
40
45
400
LA15QS400-4TI
4TI
40
45
450
LA15QS450-4
4
50
50
450
LA15QS450-4IL
4IL
50
50
500
LA15QS500-4
4
90
30
500
LA15QS500-4IL
4IL
90
30
600
LA15QS600-4
4
130
35
600
LA15QS600-4IL
4IL
130
35
800
LA15QS800-4
4
290
57
1000
LA15QS1000-4
4
520
75
1000
LA15QS1000-4IL
4IL
520
75
1000
LA15QS1000-4TI
4TI
520
75
1000
LA15QS1000-128
128
540
88
1000
LA15QS1000-128IL
128IL
540
88
1200
LA15QS1200-128
128
680
100
1200
LA15QS1200-128IL
128IL
680
100
1500
LA15QS1500-128
128
1200
130
1500
LA15QS1500-128IL
128IL
1200
130
2000
LA15QS2000-128
128
1900
165
2000
LA15QS2000-128IL
128IL
1900
165
2500
LA15QS2500-128
128
3200
195
2500
LA15QS2500-128IL
128IL
3200
195
3000
LA15QS3000-128
128
4800
240
3000
LA15QS3000-128IL
128IL
4800
240
3500
LA15QS3500-128
128
6500
260
4000
LA15QS4000-128
128
8500
270
4000
LA15QS4000-128IL
128IL
8500
270
5000
LA15QS5000-128
128
Contact Factory
Contact Factory
6000
LA15QS6000-128
128
Contact Factory
Contact Factory
Dimensions
Dimensions for reference only.
Amperes
Mount.
Type
Fig.
No.
Dimensions in Inches (mm in parentheses)
Tap
A
B
C
D
E
F
G
H
1 – 30
2
1
1.50 (38.1)
0.41 (10.4)
35 – 60
1
1
2.00 (50.8)
0.81 (20.6)
70 – 450
4, 4TI*, 4IL*
2, 3*
2.66 (67.6)
1.13 (28.7)
1.16 (29.5)
2.19 (55.6)
1.91 (48.5)
0.31 (7.9)
0.88 (22.4)
0.19 (4.8)
500 – 1000
4, 4TI*, 4IL*
2, 3*
3.50 (88.9)
1.50 (38.1)
1.25 (31.8)
2.56 (65.0)
1.94 (49.3)
0.41 (10.4)
1.00 (25.4)
0.25 (6.4)
750 – 2000
128, 128IL*
4, 5*
1.88 (47.9)
2.00 (50.8)
1.63 (41.4)
1.75 (44.5)
1.00 (25.4)
3
8-24-12 deep
2500 – 3000
128, 128IL*
4, 5*
1.88 (47.9)
3.00 (76.2)
1.63 (41.4)
2.50 (63.5)
1.50 (38.1)
1
2-20-12 deep
3500 – 4000
128, 128IL*
6, 7*
1.88 (47.9)
3.50 (88.9)
1.63 (41.4)
3.00 (76.2)
1.06 (27.0)
1.06 (27.0)
1
2-20-12 deep
5000 – 6000
128
8
2.38 (60.5)
5.75 (146)
1.88 (47.7)
5.00 (127)
1.50 (38.1)
1.50 (38.1)
1
2-20-12 deep
* Optional Trigger Actuator (IL)
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
Figure 6
Figure 7
Figure 8


Similar Part No. - LA15QS4-2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA15QS4-2 LITTELFUSE-LA15QS4-2 Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LA15QS4-2 LITTELFUSE-LA15QS4-2 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
LA15QS4-2 LITTELFUSE-LA15QS4-2 Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
More results

Similar Description - LA15QS4-2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
   Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
   Special Purpose Fuses
LA30QS35-4 LITTELFUSE-LA30QS35-4 Datasheet
133Kb / 2P
   Special Purpose Fuses
LA100P15-1 LITTELFUSE-LA100P15-1 Datasheet
102Kb / 2P
   Special Purpose Fuses
LA70QS35-4 LITTELFUSE-LA70QS35-4 Datasheet
92Kb / 2P
   Special Purpose Fuses
482 LITTELFUSE-482 Datasheet
67Kb / 2P
   Blade Terminal & Special Purpose Fuses
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
   Blade Terminal & Special Purpose Fuses
LVSP LITTELFUSE-LVSP Datasheet
89Kb / 2P
   Blade Terminal & Special Purpose Fuses - Surge Fuses
481 LITTELFUSE-481 Datasheet
38Kb / 1P
   Blade Terminal & Special Purpose Fuses
299 LITTELFUSE-299 Datasheet
51Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com