Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT2122 Datasheet(PDF) 2 Page - Microtune,Inc

Part # MT2122
Description  RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc

MT2122 Datasheet(HTML) 2 Page - Microtune,Inc

  MT2122 Datasheet HTML 1Page - Microtune,Inc MT2122 Datasheet HTML 2Page - Microtune,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MT2122 SINGLE-CHIP BROADBAND TUNER
PRODUCT BRIEF
MT2122 PB-00121 — Rev 1.0
June 2006
Microtune, Inc., 2201 Tenth Street, Plano, TX 75074, USA
Tel: +1-972-673-1600, Fax: +1-972-673-1602, E-mail: sales@microtune.com, Web site: www.microtune.com
For a detailed list of design centers, sales offices, and sales representatives, visit our Web site at www.microtune.com
The information in this document is believed to be accurate and reliable. Microtune assumes no responsibility for any consequences arising from the use of this information, nor from any infringement of
patents or the rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or other rights of Microtune. The information in this publication replaces
and supersedes all information previously supplied, and is subject to change without notice. The customer is responsible for assuring that proper design and operating safeguards are observed to minimize
inherent and procedural hazards. Microtune assumes no responsibility for applications assistance or customer product design.
The devices described in this document are not authorized for use in medical, life-support equipment, or any other application involving a potential risk of severe property or environmental damage, personal
injury, or death without prior express written approval of Microtune. Any such use is understood to be entirely at the user’s risk.
Microtune is a registered trademark of Microtune, Inc. MicroTuner, MicroStreamer, VideoCaster, DataCaster, and the Microtune logo are trademarks of Microtune, Inc. All other trademarks belong to their
respective companies.
Microtune’s products are protected by one or more of the following U.S. patents: 5,625,325; 5,648,744; 5,717,730; 5,737,035; 5,739,730; 5,805,988; 5,847,612; 6,100,761; 6,104,242; 6,163,684; 6,169,569;
6,172,378; 6,177,964; 6,211,745; 6,218,899; 6,268,778; 6,310,387; 6,323,736; 6,355,537; 6,429,502; 6,462,327; 6,535,068; 6,580,313; 6,608,522; 6,631,257; 6,714,776; 6,725,463; 6,744,308; 6,771,124;
6,784,945; 6,804,099; 6,888,406; 6,891,435; 6,906,594; 6,909,886; 6,920,182; 6,922,556; 6,963,478; 6,973,288; 6,993,310; 7,035,614; D469,742 and additional patents pending or filed.
Entire contents Copyright © 1996 - 2006 Microtune, Inc.
060206
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE RATINGS
MT2122 Pin Diagram
MT2122 Block Diagram
1
2
3
4
5
6
12
11
10
9
8
7
14
13
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Exposed die attach paddle on package
bottom
HBinp
HBshp
LBshp
LBinp
FDCin
FDCVcc
FDCout
LO1tcm1
LO1tcm2
LO1reg
VCCLO1
LO1LPF
GPO
A0
VGACTRL
VGAINn
VGAINp
AFCin
GND
LO2LPF
VCCLO2
LO2reg
LO2tcm
IFVCC
MIX2OUTp
PINSe
PINSh
MIX2OUTn
MHz In
PLL
PLL
OOB
Tuner
PIN Diode
Atten
Loop
Filter
Loop
Filter
Charge
Pump
Charge
Pump
3-bit
AD
GPO
Selectable Preslector
Filter
Serial
Bus
MIX2 Output
VGA Output
2nd IF Saw
1st IF Saw
FDC
IF Gain Control
RF Gain Control
Pin Diode
Controller
AFC In/Temp
Out
Die Temp
Sensor
Buffered
Reference
Output
Input Balun
Clock
Data
FDC
LNA
LO1
MIX1
MIX2
LO2
VGA
PARAMETER
MIN
MAX
UNIT
Supply voltage, +5 V
6
V
Supply voltage, +3.3 V
3.6
V
Junction temperature
125
°C
Storage temperature
-50
150
°C
Lead-free solder temperature for 5
seconds
260
°C
Relative humidity
95
%
Input voltage
-0.3
VCC +0.3
V
PARAMETER
MIN
TYP
MAX
UNIT
Input frequency range
48
1100
MHz
First intermediate center
frequency
1690
MHz
Second intermediate
frequency (programmable)
30
60
MHz
Supply voltage 5 V
4.75
5.0
5.25
V
Supply voltage 3.3 V
3.15
3.3
3.45
V
Supply voltage ripple
15
mV
Operating junction
temperature
125
°C
VGA differential output load
impedance
300
Serial control clock
400
kHz
MIX2 differential load
impedance
800


Similar Part No. - MT2122

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT2121 MICROTUNE-MT2121 Datasheet
94Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
logo
Marktech Corporate
MT212T-G MARKTECH-MT212T-G Datasheet
31Kb / 1P
   2x4mm Rectangular LED Lamps
MT212T-G-A MARKTECH-MT212T-G-A Datasheet
125Kb / 3P
   Standard LEDs
MT212T-G-A MARKTECH-MT212T-G-A Datasheet
188Kb / 5P
   RECTANGULAR LED LAMP
MT212T-G-A MARKTECH-MT212T-G-A_15 Datasheet
188Kb / 5P
   RECTANGULAR LED LAMP
More results

Similar Description - MT2122

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT2060 MICROTUNE-MT2060 Datasheet
87Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1393ETC MICROTUNE-MT1393ETC Datasheet
219Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1119 MICROTUNE-MT1119 Datasheet
83Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1120 MICROTUNE-MT1120 Datasheet
69Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2064 MICROTUNE-MT2064 Datasheet
75Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2170 MICROTUNE-MT2170 Datasheet
74Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2131 MICROTUNE-MT2131 Datasheet
71Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1110 MICROTUNE-MT1110 Datasheet
84Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1503EDC MICROTUNE-MT1503EDC Datasheet
157Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com