Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT1560 Datasheet(PDF) 1 Page - Microtune,Inc

Part # MT1560
Description  RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AND AUTOMOTIVE ELECTRONICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc

MT1560 Datasheet(HTML) 1 Page - Microtune,Inc

  MT1560 Datasheet HTML 1Page - Microtune,Inc MT1560 Datasheet HTML 2Page - Microtune,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RF SILICON AND SYSTEMS SOLUTIONS
FOR BROADBAND COMMUNICATIONS, AUTOMOTIVE ELECTRONICS AND WIRELESS CONNECTIVITY
M I C R O T U N E
MT1560 UPSTREAM
AMPLIFIER
PRODUCT BRIEF
The MT1560 is a 3.3V programmable
gain upstream amplifier.
The Microtune® MT1560 is a low-
cost programmable-gain power
amplifier IC for use in CATV
upstream applications. The MT1560
is a 3.3 volt part optimized for the
DOCSIS 2.0 upstream standard.
The device’s specified frequency
range is from 5MHz to 65MHz, and
can output 67dBmV through a 1:1
impedance-ratio transformer. A 3-
wire digital serial bus controls the
variable gain, with gain control
available in 1dB steps and a
nominal 59dB gain range.
The MT1560 may be disabled via
an external control pin. The transmit-
disable mode not only minimizes
output noise by shutting off the
output stage, but also maintains its
output impedance at nominal levels.
Output transients are nominally less
than 16mVp-p at 61dBmV output
level during transmit enable/disable
switching.
Operating from a single +3.3V
supply, the amplifier’s typical
current draw at maximum gain, or
minimum attenuation, is 212mA.
Additional internal circuitry reduces
the amplifier’s power consumption
depending on gain setting.
Transmit-disable mode power
supply current is reduced to a
nominal of 18mA. A shutdown mode
further reduces current to a nominal
of 80µA.
The MT1560 is available in a 20-
pin MicroLeadFrame™ package
with an exposed pad for the
extended industrial temperature
range of -40°C to +85°C.
MT1560 APPLICATIONS
Cable modems
Telephony over cable
Set-top box CATV
FEATURES
Maximum output level of
67dBmV
Low power-up/down
transients of 16mVp-p typical
at 61dBmV output
Ultra low third harmonic
distortion
Single +3.3V supply
59dB gain range
Gain programmable in 1dB
steps
Low transmit output noise
floor: -51dBmV in 160kHz
Low transmit-disable output
noise: -68dBmV
Two power-down modes
DOCSIS 2.0 compatible
MT1560 Upstream Amplifier


Similar Part No. - MT1560

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1500A MARKTECH-MT1500A Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Microtune,Inc
MT1501 MICROTUNE-MT1501 Datasheet
155Kb / 2P
   EDC DAB TUNER MODULE
MT1502EDC MICROTUNE-MT1502EDC Datasheet
222Kb / 2P
   DAB/DMB TUNER
MT1503EDC MICROTUNE-MT1503EDC Datasheet
157Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results

Similar Description - MT1560

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT2050 MICROTUNE-MT2050 Datasheet
83Kb / 2P
   RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT141X MICROTUNE-MT141X Datasheet
276Kb / 2P
   RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AND AUTOMOTIVE ELECTRONICS
MT1550 MICROTUNE-MT1550 Datasheet
82Kb / 2P
   RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AUTOMOTIVE ELECTRONICS AND WIRELESS CONNECTIVITY
MT2060 MICROTUNE-MT2060 Datasheet
87Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1393ETC MICROTUNE-MT1393ETC Datasheet
219Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2170 MICROTUNE-MT2170 Datasheet
74Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2122 MICROTUNE-MT2122 Datasheet
87Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2131 MICROTUNE-MT2131 Datasheet
71Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1110 MICROTUNE-MT1110 Datasheet
84Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com