Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSL-9110FAW Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # TRSL-9110FAW
Description  3.3V / 1310 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-9110FAW Datasheet(HTML) 3 Page - Optoway Technology Inc

  TRSL-9110FAW Datasheet HTML 1Page - Optoway Technology Inc TRSL-9110FAW Datasheet HTML 2Page - Optoway Technology Inc TRSL-9110FAW Datasheet HTML 3Page - Optoway Technology Inc TRSL-9110FAW Datasheet HTML 4Page - Optoway Technology Inc TRSL-9110FAW Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Optoway
TRSL-9110FW / TRSL-9110FAW
****************************************************************************************************************************************************************************
****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2004 V1.0
ANALOG DIAGNOSTICS FUNCTIONS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Transmitter
Laser Bias Current Monitor
Bmon+, Bmon-
0
Vcc
V
1
Monitor Photodiode Current Monitor Pmon+,Pmon-
0
Vcc
V
2
Receiver
Received Photocurrent
Rpd
0
1
mA
3
Photodiode Responsivity
R
0.5
0.9
1.0
A/W
Applied Voltage at VpdR pin
Vpd
2.4
Vcc
V
3
Notes: 1. PIN 17 and 18 provide an analog voltage output proportional to the laser bias current, based on the following
formula: Ibias = V (Bmon+ - Bmon-) / 10 Ω. See below the equivalent circuit.
2. PIN 19 and 20 provide an analog voltage output proportional to the monitor photodiode current, based on the
following formula: Imon = V (Pmon+ - Pon-) / 200Ω. See below the equivalent circuit.
3. PIN 1 is used to monitor the received photocurrent. It must be connected to a positive voltage within the specified
above. The received power is given by the photocurrent multiplied by the photodiode responsivity.
RX PD
T
I
Vpdr
Monitor PD
200ohm
VCC
control
circuit
Pmon+
Pmon-
3K
3K
LD
10ohm
VCC
bias
circuit
BM+
BM-
3K
3K
I bias
I mon
I pd
Analog Monitoring Function Connections


Similar Part No. - TRSL-9110FAW

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-9110FAG OPTOWAY-TRSL-9110FAG Datasheet
122Kb / 4P
   3.3V / 1310 nm / 2.125 Gbps SFF LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-9110FAW

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-9140FW OPTOWAY-TRSL-9140FW Datasheet
156Kb / 5P
   3.3V / 1310 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9140FG OPTOWAY-TRSL-9140FG Datasheet
122Kb / 4P
   3.3V / 1310 nm / 2.125 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9110FG OPTOWAY-TRSL-9110FG Datasheet
122Kb / 4P
   3.3V / 1310 nm / 2.125 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9380FW OPTOWAY-TRSL-9380FW Datasheet
156Kb / 5P
   3.3V / 1550 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7130W OPTOWAY-TRSL-7130W Datasheet
156Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7110W OPTOWAY-TRSL-7110W Datasheet
156Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7140W OPTOWAY-TRSL-7140W Datasheet
156Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7120W OPTOWAY-TRSL-7120W Datasheet
155Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9380FW-CXX0 OPTOWAY-TRSL-9380FW-CXX0 Datasheet
159Kb / 5P
   3.3V / CWDM / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9102WG OPTOWAY-TRSL-9102WG_11 Datasheet
159Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com