Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSL-8110BWG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # TRSL-8110BWG
Description  3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-8110BWG Datasheet(HTML) 3 Page - Optoway Technology Inc

  TRSL-8110BWG Datasheet HTML 1Page - Optoway Technology Inc TRSL-8110BWG Datasheet HTML 2Page - Optoway Technology Inc TRSL-8110BWG Datasheet HTML 3Page - Optoway Technology Inc TRSL-8110BWG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Optoway
TRSL-8105WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2/1/2007 V1.0
3
CONNECTION DIAGRAM
PIN
Signal Name
Description
PIN
Signal Name
Description
C
N/C
Not Connected
D
TX_Fault
Transmitter Fault Indication
A
SDA
Data line of two wire serial interface
B
SCL
Clock line of two wire serial interface
1
VeeRx
Rreceiver ground
10
TD-
Transmitter Data In Bar
2
VccRx
Receiver Power – 3.3V±5%
9
TD+
Transmitter Data In
3
SD
Signal Detect Output
8
TX_Disable
Logic low to enable TXoutput
4
RD-
Receiver Data Out Bar
7
VeeTx
Transmitter ground
5
RD+
Receiver Data Out
6
VccTx
Transmitter Power – 3.3V±5%
MS
MS
Mounting Studs. Connect to Chassis
Ground
Module Definition
Module Definition
MOD-DEF2
PIN A
MOD-DEF1
PIN B
MOD-DEF0
Interpretation by Host
4
SDA
SCL
Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector
(NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the
2-wire serial CMOS E
2PROM protocol of the ATMEL AT24C01A/02/04 family of components.
RECOMMENDED CIRCUIT SCHEMATIC
TOP VIEW
5 4 3 2 1 A C
6 7 8 9 10 B D
MS
MS
LD
Driver
1μH
100Ω
TD+
TD-
4.7K to 10KΩ
10nF
10μF
RD-
RD+
SD
VCC 3.3V
VCC 3.3V
Z=50Ω
Z=50Ω
Z=50Ω
Z=50Ω
POST
Amp
SerDes
IC
Protocol
IC
100Ω
EEPORM
1μH
10nF
10μF
10nF
10μF
4.7K to 10KΩ
4.7K to 10KΩ
TD+
TD-
RD-
RD-
TX_Disable
TX_Fau lt
S ignal Dete ct
S CL
S DA
Depen di ng on SerDes
Vee TX
TX_Fau lt
TX_Disable
SCL
SDA
4.7K to 10KΩ
VccTX
VccRX
Vee RX
1
2
4
3
5
A
B
D
8
7
6
10
9
SFFModule
C
N/C


Similar Part No. - TRSL-8110BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-8110BG OPTOWAY-TRSL-8110BG Datasheet
130Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-8110BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-8105WG OPTOWAY-TRSL-8105WG Datasheet
122Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
TRSL-8120WG OPTOWAY-TRSL-8120WG Datasheet
121Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8105WG OPTOWAY-SPS-8105WG Datasheet
144Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8120WG OPTOWAY-SPS-8120WG Datasheet
144Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8130WG OPTOWAY-SPS-8130WG Datasheet
144Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8110WG OPTOWAY-SPS-8110WG Datasheet
144Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPM-8101WG OPTOWAY-SPM-8101WG Datasheet
221Kb / 5P
   3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC MULTI-MODE SFP TRANSCEIVER
SPS-8110G OPTOWAY-SPS-8110G Datasheet
144Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8120G OPTOWAY-SPS-8120G Datasheet
144Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8130G OPTOWAY-SPS-8130G Datasheet
143Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com