Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7398 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7398
Description  155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7398 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7398 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7398 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trademarks
TM
Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington,
PaceMaker, HOVCAT48, HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, NexSAS, VersaCAT, GigaStream, HawX,
SparX, StaX, VstaX, SimpliPHY,VeriPHY, ActiPHY, XFP PRO, SFP PRO, Smart-LINK, OctalMAC, EQ Technology are trademarks in the United States and/or
other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or registered trademarks mentioned herein are the property of their respective
holders.
Copyright © 2005
Vitesse Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve performance, reliability or
manufacturability. All information in this document, including descriptions of features, functions, performance, technical specifications and availability, is
subject to change without notice at any time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by
Vitesse for its use. Furthermore, the information contained herein does not convey to the purchaser of microelectronic devices any license under the patent
right of any manufacturer.
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
sales@vitesse.com
VSC7398
Analyzer/Arbiter
8051 CPU (V-Core CPU)
RS232 Interface
Serial Interface
Parallel Interface
MII Management
Interface
Control and Status
Registers
GPIO
SI
PI or
V-Core CPU
RAM/Flash
Frame Bus
...
Six Copper Interfaces
Tri-Speed
Copper PHY
Tri-Speed MAC
Categorizer
Rewriter
Shared Rx and
Tx FIFO
Scheduler
Tri-Speed
Copper PHY
Tri-Speed MAC
Categorizer
Rewriter
Shared Rx and
Tx FIFO
Scheduler
Two Copper or
(R)GMII Interfaces
Tri-Speed MAC
Tri-Speed
Copper PHY
Categorizer
Rewriter
Shared Rx and
Tx FIFO
Scheduler
MIIM
RS232
05
6
7
Multiplexer
Tri-Speed MAC
Tri-Speed
Copper PHY
Categorizer
Rewriter
Shared Rx and
Tx FIFO
Scheduler
Multiplexer
GENERAL DESCRIPTION:
SPECIFICA TIONS:
A Vitesse Switch Family Member
SparX-G8e is a part of the Vitesse SparXTM Family Of Unmanaged or
Web-managed Switches, taking the family into a new generation of
integration. With its eight integrated tri-speed Gigabit Ethernet copper
transceivers (with the option of multiplexing two as tri-speed RGMII/GMII),
and several integrated management interfaces, it is specifically targeted at
SMB and SOHO unmanaged applications; with its V-Core CPU (on-chip
8051) and parallel CPU interface, it enables Web-managed and managed
switch applications.
Being a member of the switch family provides a number of unique
advantages when designing with the chip: there is nearly 100% software
compatibility between the switch family members; software written for
SparX-G8e can easily be used with other switch configurations in the
family, and vice-versa; and with minimal effort and time, designs can be
upgraded to higher port counts, or migrated to other configurations or
future technology. Building a product family is easy when designing with
Vitesse switches!
The Vitesse SparXTM Family Of Switches
SparX-G8e shares the unique traits of the Vitesse SparX Family Of
Switches. The highly integrated switch supports 136 kilobytes of on-chip
frame buffer, and the integration of the copper PHY
as well as an internal oscillator circuit simplifies PCB
layout to reduce time and cost. Further trimming
down system cost is the industry's lowest power, fully
integrated, Switch-plus-Copper PHY technology.
The switches provide for high performance designs
with their nonblocking, wire-speed performance,
which includes wire-speed MAC address learning.
Designing both unmanaged and Web-managed solutions is
straightforward. The chips offer an internal V-Core CPU (on-chip 8051)
and serial and parallel CPU interfaces, and support a host of management
protocols such as GxRP, SNMP, and three flavors of Spanning Tree:
Standard STP, Multiple STP, and Rapid STP.
Controlling networks operated by the Vitesse switches is simple; advanced
classification with IPv4 and IPv6 support, along with port DSCP remarking
and 802.1X authentication support, provides flexible QoS operation. This
is backed up by Layer 2-4 link aggregation and VLAN support, enabling
managed switches to be deployed.
With its unique low power dissipation, the VSC7398 enables fanless
operation, thereby providing higher system reliability and lower noise, both
to the benefit of the user.
Designing with Vitesse SparX Family Of Switches means designing with
the complete Vitesse solution: Vitesse provides a comprehensive, Web-
managed switch software system for the V-Core CPU (internal 8051). This
is in addition to the unmanaged and smart managed software systems for
8051, which are also included. For homegrown software development, the
Vitesse full platform and OS independent switch API is supplied.
Accompanying the software systems are the Vitesse Switch reference
systems. These are production-ready hardware designs that also serve as
evaluation platforms. The Vitesse solution is supplied with a
comprehensive collateral package, including software source code, full
documentation, and an in-depth qualification report for easy pre-
evaluation.
SparX-G8eTM-Enhanced 8-Port Integrated Gigabit Ethernet Switch with Transceivers
VSC7398 SparX-G8e is the highly integrated, single-
chip Gigabit Ethernet switch with 8 Integrated GbE
Copper PHY ports. As part of the Vitesse SparXTM
Family of Switches, SparX-G8e delivers high
performance with easy migration paths, and
comprehensive system solutions that enable ultra-
short time-to-market and market-leading system cost.
25 MHz LVTTL reference clock
1.2 V core power supply
3.3 V interface power supply
VSC7398


Similar Part No. - VSC7398

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
VSC7398 PULSE-VSC7398 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Vitesse Semiconductor C...
VSC7398 VITESSE-VSC7398 Datasheet
1Mb / 2P
   SparX-G8eTM-Enhanced 8-Port Integrated Gigabit Ethernet Switch with Transceivers
Revision 1.0
VSC7398XYU VITESSE-VSC7398XYU Datasheet
1Mb / 2P
   SparX-G8eTM-Enhanced 8-Port Integrated Gigabit Ethernet Switch with Transceivers
Revision 1.0
More results

Similar Description - VSC7398

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7966 VITESSE-VSC7966 Datasheet
230Kb / 2P
   155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
   PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
[Old version datasheet]   155 Mbps to 4.25 Gbps LASER DRIVER
logo
Vitesse Semiconductor C...
VSC7967 VITESSE-VSC7967 Datasheet
610Kb / 2P
   PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET2511PA TI-ONET2511PA Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
ONET2501PA TI-ONET2501PA Datasheet
187Kb / 8P
[Old version datasheet]   155-Mbps TO 2.5-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com