Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSL-7380ACG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # TRSL-7380ACG
Description  3.3V / 1550 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-7380ACG Datasheet(HTML) 4 Page - Optoway Technology Inc

  TRSL-7380ACG Datasheet HTML 1Page - Optoway Technology Inc TRSL-7380ACG Datasheet HTML 2Page - Optoway Technology Inc TRSL-7380ACG Datasheet HTML 3Page - Optoway Technology Inc TRSL-7380ACG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
TRSL-7380CG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
4
PACKAGE DIAGRAM
Units in mm
1) Standard Case
TRSL-7380G / TRSL-7380CG / TRSL-7380AG / TRSL-7380ACG
2) Extended Case
TRSL-7380EG / TRSL-7380CEG / TRSL-7380AEG / TRSL-7380ACEG
Note: Specifications subject to change without notice.


Similar Part No. - TRSL-7380ACG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-7380ACG OPTOWAY-TRSL-7380ACG Datasheet
113Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-7380ACG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-7380G OPTOWAY-TRSL-7380G Datasheet
113Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-73120CG OPTOWAY-TRSL-73120CG Datasheet
122Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7350CG OPTOWAY-TRSL-7350CG Datasheet
123Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-73120G OPTOWAY-TRSL-73120G Datasheet
114Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7350G OPTOWAY-TRSL-7350G Datasheet
113Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9340G OPTOWAY-TRSL-9340G Datasheet
124Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9340G OPTOWAY-TRSL-9340G_11 Datasheet
113Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9380G OPTOWAY-TRSL-9380G_11 Datasheet
150Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9380G OPTOWAY-TRSL-9380G Datasheet
115Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7130G OPTOWAY-TRSL-7130G Datasheet
114Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com