Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V18AUMLA1206 Datasheet(PDF) 5 Page - Littelfuse

Part # V18AUMLA1206
Description  Multilayer Transient Voltage Surge Suppressor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V18AUMLA1206 Datasheet(HTML) 5 Page - Littelfuse

  V18AUMLA1206_06 Datasheet HTML 1Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 2Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 3Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 4Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 5Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 6Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 7Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 8Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
191
www .littelfuse .com
3
Multilayer Transient Voltage Surge Suppressor
AUML Varistor Series
V(10mA)
35
30
25
20
15
10
5
0
0
1
2
3
4
5
6
7
8
9
10
11
12
# OF LOAD DUMPS
# OF LOAD DUMPS
2220 = 25J
1812 = 6J
1210 = 3J
FIGURE 5. AUML LOAD DUMP PULSING OVER A TEMPERATURE RANGE OF -55˚C TO 125˚C
FIGURE 6. REPETITIVE LOAD DUMP PULSING AT RATED ENERGY
FIGURE 7. REPETITIVE ENERGY TESTING OF THE V18AUMLA2220 AT AN ENERGY LEVEL OF 2 JOULES
V(10mA)
V AT 10mA
35
100
10
1000
2000
3000
4000
5000
6000
7000
V18AUMLA2220
30
25
20
15
10
5
0
0
50
100
150
200
250
300
350
1,000
2,000
2220 = 25J
1812 = 6J
1210 = 3J
NUMBER OF PULSES
RoHS


Similar Part No. - V18AUMLA1206_06

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V18AUMLA1206 LITTELFUSE-V18AUMLA1206 Datasheet
431Kb / 9P
   Multilayer Transient Voltage Surge Suppressor
V18AUMLA1206 LITTELFUSE-V18AUMLA1206 Datasheet
805Kb / 7P
   Surface Mount Multilayer Varistors (MLVs) > AUML Series
V18AUMLA1206 LITTELFUSE-V18AUMLA1206 Datasheet
219Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > AUML Series
V18AUMLA1206 LITTELFUSE-V18AUMLA1206 Datasheet
666Kb / 7P
   Surface Mount Multilayer Varistors (MLVs) > AUML Series
More results

Similar Description - V18AUMLA1206_06

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AUML LITTELFUSE-AUML Datasheet
431Kb / 9P
   Multilayer Transient Voltage Surge Suppressor
MHS LITTELFUSE-MHS Datasheet
305Kb / 4P
   Multilayer High Speed Transient Voltage Surge Suppressor
MLN LITTELFUSE-MLN Datasheet
170Kb / 7P
   Multiline Transient Voltage Surge Suppressor
logo
STMicroelectronics
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com