Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT123ADRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AHCT123ADRG4
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT123ADRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AHCT123ADRG4 Datasheet HTML 1Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 2Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 3Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 4Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 5Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 6Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 7Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 8Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SN54AHCT123A, SN74AHCT123A
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SCLS420G – JUNE 1998 – REVISED APRIL 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information(continued)
Pulse triggering occurs at a particular voltage level and is not directly related to the transition time of the input
pulse. The A, B, and CLR inputs have Schmitt triggers with sufficient hysteresis to handle slow input transition
rates with jitter-free triggering at the outputs.
Once triggered, the basic pulse duration can be extended by retriggering the gated low-level-active (A) or
high-level-active (B) input. Pulse duration can be reduced by taking CLR low. CLR input can be used to override
A or B inputs. The input/output timing diagram illustrates pulse control by retriggering the inputs and early
clearing.
The variance in output pulse duration from device to device typically is less than
±0.5% for given external timing
components. An example of this distribution for the ’AHCT123A is shown in Figure 10. Variations in output pulse
duration versus supply voltage and temperature are shown in Figure 6.
During power up, Q outputs are in the low state, and Q outputs are in the high state. The outputs are glitch free,
without applying a reset pulse.
For additional application information on multivibrators, see the application report, Designing With the
SN74AHC123A and SN74AHCT123A, literature number SCLA014.
FUNCTION TABLE
(each multivibrator)
INPUTS
OUTPUTS
CLR
A
B
Q
Q
L
X
X
L
H
X
HX
L†
H†
X
XL
L†
H†
H
L
H
#
H
L
H
† These outputs are based on the
assumption
that
the
indicated
steady-state conditions at the A and
B inputs have been set up long enough to
complete any pulse started before the
setup.
logic diagram, each multivibrator (positive logic)
CLR
Cext
Rext/Cext
R
B
A
Q
Q


Similar Part No. - SN74AHCT123ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT123ADRG4 TI-SN74AHCT123ADRG4 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results

Similar Description - SN74AHCT123ADRG4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHCT123A TI-SN54AHCT123A Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74HC423A HITACHI-HD74HC423A Datasheet
51Kb / 8P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_08 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A_15 Datasheet
145Kb / 18P
   Dual Retriggerable Monostable Multivibrators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com