Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT123ADRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AHCT123ADRE4
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT123ADRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHCT123ADRE4 Datasheet HTML 1Page - Texas Instruments SN74AHCT123ADRE4 Datasheet HTML 2Page - Texas Instruments SN74AHCT123ADRE4 Datasheet HTML 3Page - Texas Instruments SN74AHCT123ADRE4 Datasheet HTML 4Page - Texas Instruments SN74AHCT123ADRE4 Datasheet HTML 5Page - Texas Instruments SN74AHCT123ADRE4 Datasheet HTML 6Page - Texas Instruments SN74AHCT123ADRE4 Datasheet HTML 7Page - Texas Instruments SN74AHCT123ADRE4 Datasheet HTML 8Page - Texas Instruments SN74AHCT123ADRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN54AHCT123A, SN74AHCT123A
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SCLS420G – JUNE 1998 – REVISED APRIL 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Schmitt-Trigger Circuitry On A, B, and CLR
Inputs for Slow Input Transition Rates
D Edge Triggered From Active-High or
Active-Low Gated Logic Inputs
D Retriggerable for Very Long Output Pulses
D Overriding Clear Terminates Output Pulse
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
description/ordering information
These
edge-triggered
multivibrators
feature
output pulse-duration control by three methods. In
the first method, the A input is low, and the B input
goes high. In the second method, the B input is
high, and the A input goes low. In the third method,
the A input is low, the B input is high, and the clear
(CLR) input goes high.
The output pulse duration is programmed by
selecting external resistance and capacitance
values. The external timing capacitor must be
connected between Cext and Rext/Cext (positive)
and an external resistor connected between
Rext/Cext and VCC. To obtain variable pulse
durations, connect an external variable resistance
between Rext/Cext and VCC. The output pulse
duration also can be reduced by taking CLR low.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74AHCT123AN
SN74AHCT123AN
SOIC
D
Tube
SN74AHCT123AD
AHCT123A
40
°Cto85°C
SOIC – D
Tape and reel
SN74AHCT123ADR
AHCT123A
–40
°C to 85°C
SSOP – DB
Tape and reel
SN74AHCT123ADBR
HB123A
TSSOP – PW
Tape and reel
SN74AHCT123APWR
HB123A
TVSOP – DGV
Tape and reel
SN74AHCT123ADGVR
HB123A
CDIP – J
Tube
SNJ54AHCT123AJ
SNJ54AHCT123AJ
–55
°C to 125°C
CFP – W
Tube
SNJ54AHCT123AW
SNJ54AHCT123AW
LCCC – FK
Tube
SNJ54AHCT123AFK
SNJ54AHCT123AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54AHCT123A ...J OR W PACKAGE
SN74AHCT123A . . . D, DB, DGV, N, OR PW PACKAGE
(TOP VIEW)
SN54AHCT123A . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1B
1CLR
1Q
2Q
2Cext
2Rext/Cext
GND
VCC
1Rext/Cext
1Cext
1Q
2Q
2CLR
2B
2A
32
1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
1Cext
1Q
NC
2Q
2CLR
1CLR
1Q
NC
2Q
2Cext
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74AHCT123ADRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT123ADRE4 TI-SN74AHCT123ADRE4 Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74AHCT123ADRE4 TI-SN74AHCT123ADRE4 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results

Similar Description - SN74AHCT123ADRE4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHCT123A TI-SN54AHCT123A Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74HC423A HITACHI-HD74HC423A Datasheet
51Kb / 8P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_08 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A_15 Datasheet
145Kb / 18P
   Dual Retriggerable Monostable Multivibrators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com