Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXV16VB102M Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LXV16VB102M
Description  Non-synchronous Step-down Controller for Pentium Microprocessors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LXV16VB102M Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LXV16VB102M Datasheet HTML 1Page - National Semiconductor (TI) LXV16VB102M Datasheet HTML 2Page - National Semiconductor (TI) LXV16VB102M Datasheet HTML 3Page - National Semiconductor (TI) LXV16VB102M Datasheet HTML 4Page - National Semiconductor (TI) LXV16VB102M Datasheet HTML 5Page - National Semiconductor (TI) LXV16VB102M Datasheet HTML 6Page - National Semiconductor (TI) LXV16VB102M Datasheet HTML 7Page - National Semiconductor (TI) LXV16VB102M Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM2688-ADJ
Electrical Characteristics (Continued)
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over full Operating Temperature
Range. Unless otherwise specified, V
IN = 12V, IOUT = 100 mA.
Symbol
Parameter
Conditions
LM2688-ADJ
Units
(Limits)
Typ
(Note 3)
Limit
(Note 4)
ON/OFF CONTROL
I
L
V
LOGIC = 0.5V (Regulator ON)
0.02
µA
5
µA(max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5k resistor into each pin.
Note 3: Typical numbers are at 25˚C and represent the most likely norm.
Note 4: All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100% pro-
duction tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to cal-
culate Average Outgoing Quality Level (AOQL).
Note 5: External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect switching regulator sys-
tem performance. When the LM2688 is used as shown in the typical application, system performance will be shown in system parameters section Electrical Char-
acteristics.
Note 6: The switching frequency is reduced when the second stage current limit is activated. The amount of reduction is determined by the severity of current over-
load.
Note 7: No diode, inductor or capacitor connected to output pin.
Note 8: Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
Note 9: Feedback pin removed from output and connected to 12V to force the output transistor switch OFF.
Note 10: VIN = 40V.
Note 11: Junction to ambient thermal resistance with approximately 1 square inch of printed circuit board copper surrounding the leads. Additional copper area will
lower thermal resistance further.
Typical Performance Characteristics
Switch Current Limit
DS100050-2
Minimum Operating
Supply Voltage
DS100050-3
Switching Frequency
DS100050-4
Quiescent Current
DS100050-5
Standby
Quiescent Current
DS100050-6
Feedback Pin
Bias Current
DS100050-7
3
www.national.com


Similar Part No. - LXV16VB102M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXV100 ETC2-LXV100 Datasheet
421Kb / 2P
   LED Power Supply
LXV100-012S ETC2-LXV100-012S Datasheet
421Kb / 2P
   LED Power Supply
LXV100-024S ETC2-LXV100-024S Datasheet
421Kb / 2P
   LED Power Supply
LXV100-036S ETC2-LXV100-036S Datasheet
421Kb / 2P
   LED Power Supply
LXV100-042S ETC2-LXV100-042S Datasheet
421Kb / 2P
   LED Power Supply
More results

Similar Description - LXV16VB102M

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6124 EXAR-XRP6124 Datasheet
481Kb / 12P
   Non-Synchronous PFET Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com